Electronic Components Datasheet Search
  English  ▼

X  

SFM4100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFM4100
Description  Calibrated and temperature compensated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM4100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFM4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.sensirion.com
Version 1.3 – January 2013
5/9
5. Conversion to Physical Values
5.1
Signal scaling and physical unit
The calibrated signal read from the sensor is a signed
INTEGER number (two's complement number). The
INTEGER value can be converted to the physical value by
dividing it by the scale factor (mass flow = sensor output
scale factor). The scale factor is specified in Section 2.2.
5.2
Temperature compensation
The SFM4100 sensor series features digital temperature
compensation. The temperature is measured on the
CMOSens® chip by an on-chip temperature sensor. This
data is fed to a compensation circuit that is also integrated
on the CMOSens® sensor chip. No external temperature
compensation is necessary.
6. OEM Options
A variety of custom options can potentially be
implemented for high-volume OEM applications. None of
these options is available with the standard sensors.
Contact Sensirion for more information.
6.1
Switch function
A switch version with a programmable trigger level and
programmable hysteresis can be realized.
6.2
Temperature measurement
The sensor temperature can be read out via the digital
interface.
6.3
Minimized power consumption
For low-power applications, the current consumption can
be reduced to approximately 3.5mA.
6.4
Broken sensor element detection
Breakage of the sensor element can be detected by a
sensor chip self-test.
6.5
Plausibility checks
An OEM version of the sensor can be configured to provide
certain plausibility checks triggered by a microprocessor. This
can be used to create a combined sensor/microprocessor
system that can be certified as fail-safe.
6.6
Multigas / Multirange Option
The Sensor can be calibrated for the use with multiple
Gases and/or for multiple flow ranges.
6.7
Gas Mixture Detection
In combination with a external microprocessor the Sensor
can be used to also asses the concentration of many two
gas mixtures. This feature can be made available for high
volume applications. Please contact Sensirion for details.
6.8
Customer-specific interface
For analog voltage output, please contact Sensirion.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com