Electronic Components Datasheet Search
  English  ▼

X  

SLI-2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLI-2000
Description  Media Isolated Microfluidic Flow Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLI-2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLI-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensirion.com
Version 10 –February 2015
2/7
Table 2: Model specific performance of SLI (all data for medium IPA, 23°C)
Parameter
SLI-0430
SLI-1000
SLI-2000
Unit
IPA full scale flow rate
500
10’000
µl/min
80
ml/min
Sensor output limita
600
11’000
µl/min
90
ml/min
Accuracy below full scale
(whichever error is larger)
20
20
10
% of m.v.b
1
1
0.5
% of full scale
Repeatability below full scale
(whichever error is larger)
1
1
1.5
% of m.v.
0.05
0.05
0.03
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.5
.5
0.4
0.35
% m.v. / °C
0.025
0.02
% full scale / °C
aFlow rate at which the sensor output saturates
b
Measured value
1.1 Calibration Field Information
The SLI Liquid Flow meters hold two calibrations, one for water (H2O) and one for isopropyl alcohol (IPA). Each
calibration is stored on a separate calibration field (CF):
Calibration field 0: H2O (factory default)
Calibration field 1: IPA
The default calibration field (i.e. the active calibration field at power up) can be permanently changed via I2C or
RS485 commands. Alternatively, the default calibration field can be changed using the USB-RS485 Sensor Viewer
which is part of the Flow Meter Kit and also available in the download center on the Sensirion liquid flow webpage.
www.sensirion.com/liquidflow-download
2 Specifications Charts
Figure 1: Flow meter accuracy and repeatability across the flow range. Relative error in % of measured value (left column) and
absolute error in µl/min (right column) for H2O



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com