Electronic Components Datasheet Search
  English  ▼

X  

SLI-2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SLI-2000
Description  Media Isolated Microfluidic Flow Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLI-2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SLI-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.sensirion.com
Version 10 –February 2015
4/7
3 Communication with the Sensor
The SLI flow meter shows bidirectional, linear transfer
characteristics. The product comes fully calibrated for
water and IPA.
Digital Sampling Time, 16 bit
74 ms
Digital Sampling Time, 9 bit
1 ms
3.1 Electrical Specifications
Table 3: DC Characteristics
Parameter
Conditions Min. Typ. Max. Units
Power Supply
DC, VDD
Sensor only
4
5
6
V
RS485 cable
4
5
6
V
Analog cable
12
24
36
V
Operating
Current
VDD = 4-6 V,
no load
5
5.5
6
mA
RS485 cable
20
70
mA
Analog cable
4.3
mA
3.2 Electrical Connector and Pinout
The flow meter is equipped with a male connector
type M8, 4-pin, threaded lock according to
IEC 61076-2-101 (Ed. 1)/ IEC 60947-5-2, and is
compatible with Sensirion’s SCC1 interface cables.
Table 3: Electrical pinout
Pin
1
SDA (data)
2
GND
3
VDD
4
SCL (clock)
3.3 Communication via USB cable
The Sensirion USB Sensor Cable provides an easy to
use USB Interface for laboratory and desktop use.
For further information please see the SCC1-USB
Sensor Cable datasheet, available on
www.sensirion.com/liquidflow-download.
3.4 Digital Communication via RS485-Bus
The SCC1-RS485 Sensor Cable for flow sensors
allows the communication via RS485 interface for use
in a demanding industrial automation environment. In
addition to the standard commands available in the
I²C interface of the sensor, the incorporated
microcontroller of the cable provides more complex
logic such as a dispense volume totalizer, automatic
dispense detection, automatic heater control and data
buffer for asynchronous read-out.
For further information please see the SCC1-RS485
Sensor Cable datasheet, available on
www.sensirion.com/liquidflow-download.
3.5 Analog Communication
The SCC1-ANALOG Sensor Cable allows simple and
quick readout of Sensirion’s liquid flow meters by
converting the digital sensor reading to a 0...10.5 V
analog voltage output. Additionally, a digital (high/low)
output with two different modes of operation is
available (Flow Switch / Volume Counter)
For further information please see the SCC1-USB
Sensor Cable datasheet, available on
www.sensirion.com/liquidflow-download.
3.6 Digital Communication via I²C-Bus
Digital communication between a master and the SLI
sensor runs via the standard I²C-interface. The
physical interface consists of two bus lines, a data line
(SDA) and a clock line (SCL) which need to be
connected via pull-up resistors to the bus voltage of
the system.
These lines can be used on 3.3V or 5.0V level with a
clock frequency of 100 kHz. For the detailed
specifications of this I²C communication, please refer
to specific I²C Application Notes from Sensirion.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com