Electronic Components Datasheet Search
  English  ▼

X  

SLI-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLI-2000
Description  Media Isolated Microfluidic Flow Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLI-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLI-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLI-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.sensirion.com
Version 10 –February 2015
1/7
SLI Liquid Flow Meter Series
Media Isolated Microfluidic Flow Meter
Liquid flow rates up to 5 ml/min
Non-invasive Measurement
Different Interface Options
40 ms Flow Detection Response Time
Product Summary
Interface Options
The SLI Liquid Flow Meter enables fast, non-invasive
measurements of very low liquid flow in the µl/min- to
ml/min-range. Excellent chemical resistance and bio-
compatibility are ensured: The flow path of the SLI
Liquid Flow Meter is formed by a simple, straight glass
capillary. The fourth generation MEMS sensors
combine a thermal high precision sensor element with
amplification circuits and digital intelligence for
linearization and temperature compensation on one
single microchip – the product’s core element.
Digital
- I2C-Bus
- RS485-Bus
- USB Cable
Analog
- Voltage Output (0-10 V)
- Additional operation
modes
For more information on communication, please refer
to page 2 of this document.
1 Sensing Performance
Table 1: Model specific performance of SLI (all data for medium H2O, 23°C)
Parameter
SLI-0430
SLI-1000
SLI-2000
Unit
H2O Full scale flow rate
80
1000
5000
µl/min
H2O Sensor output limita
120
1100
5500
µl/min
Accuracy below full scale
(whichever error is larger)
5.0
5.0
5.0
% of m.v.b
0.15
0.2
0.2
% of full scale
Repeatability below full scale
(whichever error is larger)
0.5
0.5
0.5
% of m.v.
0.01
0.02
0.02
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.13
0.1
0.1
% m.v. / °C
0.003
0.004
0.004
% full scale / °C
Mounting orientation sensitivityc
<0.4
1.0
1.5
% of full scale
Flow detection response time
63
40
ms
Response time on power-up
120
ms
Operating temperature
+10…+50
°C
Ambient storage temperatured
-10…+60
°C
Operating pressure
50
15
15
bar
Proof pressure
150
30
30
bar
a
Flow rate at which the sensor output saturates. See Section 2 for performance between full scale and saturation point
b
Measured value
c
Maximum additional offset when mounted vertically
d
Non-condensing, flow path empty


Similar Part No. - SLI-2000

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLI-24VDC-SL-A SONGLERELAY-SLI-24VDC-SL-A Datasheet
3Mb / 2P
Miniature volume, PCB usage
SLI-24VDC-SL-B SONGLERELAY-SLI-24VDC-SL-B Datasheet
3Mb / 2P
Miniature volume, PCB usage
SLI-24VDC-SL-C SONGLERELAY-SLI-24VDC-SL-C Datasheet
3Mb / 2P
Miniature volume, PCB usage
More results

Similar Description - SLI-2000

ManufacturerPart #DatasheetDescription
logo
Sensitron
ASF1430 SENSITRON-ASF1430 Datasheet
272Kb / 9P
Bidirectional Mass Flow Meter
logo
List of Unclassifed Man...
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
High Purity Flow Meter
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
Bidirectional Mass Flow Meter
logo
TT Electronics.
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
Turbine Flow Meter
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
Ultrasonic Flow Meter
FFU TTELEC-FFU Datasheet
330Kb / 1P
Ultrasonic Flow Meter
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
Magnetic-inductive flow meter
logo
Maxim Integrated Produc...
MAX35104 MAXIM-MAX35104 Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com