Electronic Components Datasheet Search
  English  ▼

X  

ML2721 Datasheet(PDF) 25 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 25 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation ML2721 Datasheet HTML 23Page - Micro Linear Corporation ML2721 Datasheet HTML 24Page - Micro Linear Corporation ML2721 Datasheet HTML 25Page - Micro Linear Corporation ML2721 Datasheet HTML 26Page - Micro Linear Corporation ML2721 Datasheet HTML 27Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
ML2721
25
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
ELECTRICAL TABLES (continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVE CHAIN (Continued)
Receive conducted emissions from RF
–50
dBm
input
Receive RF input impedance
900 to 930MHz
TBD
W
Receive RF mixer image rejection
Measured at 3.5MHz offset
35
dB
Receive adjacent channels rejection @
–80dBm
2.048MHz channel spacing
1 channel
15
2 channels
40
3 or more channels
45
dB
IF FILTERS
IF filter type, 3dB point
6th order Gaussian to 12dB
IF filter center frequency
After 300µs of realignment
1.024
MHz
IF filter attenuation at 320kHz
Within 10ms of alignment,
3
dB
referenced to 1024kHz
IF filter attenuation at 1725kHz
Within 10ms of alignment
3
dB
referenced to 1024kHz
LIMITER, AGC AND FM DEMODULATOR
Recovery from overload
From 0dBm at input
<20
µs
Eb/No
For 12.5% CER
3
dB
Co-channel rejection,12.5% CER
–80dBm, modulated with 1.536
Mb/s GFSK, BT = 0.5, PRBS data
4
dB
AM tolerance, 12.5% CER
–80dBm, AM modulated at 100kHz
90
%
RSSI Performance
RSSI rise time: <–100dBm to –15dBm into
20pf load, 20% to 80%
the IF mixer
5µs
RSSI fall time: <–15dBm to –100dBm into
20pf load, 20% to 80%
the IF mixer
5µs
RSSI maximum voltage
–15dBm in
2.8
V
RSSI minimum voltage
No signal
0.05
V
RSSI sensitivity, mid range
35
mV/dB
RSSI maximum signal
Sensitivity >50%
–15
dBm
RSSI minimum signal
Sensitivity >50%
–95
dBm
RSSI accuracy
3dB
Receiver Settling Time
From PLLEN low to valid data
<50
µs
Receive Data Filter (Note 2)
Bandwidth
3dB
768
kHz
Attenuation
>10MHz
60
dB
TRANSMIT RF DRIVER
Driver amplifier output power
Into 50
W
0
dBm
Driver amplifier output return loss
900 to 930MHz
14
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com