Electronic Components Datasheet Search
  English  ▼

X  

ML4665 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4665
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4665 Datasheet HTML 2Page - Micro Linear Corporation ML4665 Datasheet HTML 3Page - Micro Linear Corporation ML4665 Datasheet HTML 4Page - Micro Linear Corporation ML4665 Datasheet HTML 5Page - Micro Linear Corporation ML4665 Datasheet HTML 6Page - Micro Linear Corporation ML4665 Datasheet HTML 7Page - Micro Linear Corporation ML4665 Datasheet HTML 8Page - Micro Linear Corporation ML4665 Datasheet HTML 9Page - Micro Linear Corporation ML4665 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ML4665
Figure 1. ML4665 Schematic Diagram
FIBER OPTIC RCVR
FIBER OPTIC CABLE
FIBER OPTIC CABLE
FIBER OPTIC
TRANSMITTER
ML4665
LM340
GND
AULCP–
AULCP+
AULTX–
AULTX+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CHASSIS REF
AULRX–
AULRX+
AULPWR+
AULPWR–
CI
D0
D1
8
7
5
4
2
116
15
13
12
10
9
360
Ω
360
Ω
5
7
39
Ω
8
2
360
Ω
360
Ω
COL–
COL+
Tx–
Tx+
Rx–
Rx+
LMON
RRSET RTSET
TxOUT
11
510
Ω
RP1
61.9k
115
Ω
10
9
TxVCC
CTIMER
VDC
VIN+
VIN–
VCC
13
12
15
16
19
18
614
17
20
–VRF
+VRF
510
Ω
RP1
D1
VR1
0.1µ
33µ
+
4.7µ
+
+
+
0.1µ
4.7µH
4.7µH
4.7
0.1
+VRF
–VRF
IN
OUT
Q1
–VRF
+VRF
–VRF
+VRF
0.01
2
1
4
5
8
73
0.01
R17
10
Ω
0.1µF
–VRF
6
3
2,6,7
+5V
0.1µF
1k
4
0.1
0.05
39
Ω
0.1
µF
3
GND
AGND AVCC
LBDIS
1
+5V
HP HFBR1414
OR
OPTEK
OPC1414
HP HFBR2416
OR
OPTEK
OPC2416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com