Electronic Components Datasheet Search
  English  ▼

X  

ML4665 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4665
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4665 Datasheet HTML 1Page - Micro Linear Corporation ML4665 Datasheet HTML 2Page - Micro Linear Corporation ML4665 Datasheet HTML 3Page - Micro Linear Corporation ML4665 Datasheet HTML 4Page - Micro Linear Corporation ML4665 Datasheet HTML 5Page - Micro Linear Corporation ML4665 Datasheet HTML 6Page - Micro Linear Corporation ML4665 Datasheet HTML 7Page - Micro Linear Corporation ML4665 Datasheet HTML 8Page - Micro Linear Corporation ML4665 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 1997
ML4665
Low Cost Single Chip 10BASE-FL Transceiver
GENERAL DESCRIPTION
The ML4665 is a low power, low cost, single chip
10BASE-FL transceiver. The ML4665 contains a fiber optic
data quantizer and an LED output driver for direct
connection to an optical module(s). The ML4665 offers a
standard IEEE 802.3 AU interface that allows it to be
directly connected to industry standard manchester
encoder/decoder chips or an AUI connector.
The ML4665 provides a highly integrated solution that
requires a minimal number of external components. The
transmitter offers a 100mA maximum current drive output
that directly drives a fiber optic LED transmitter. The
receiver offers a highly stable fiber optic data quantizer
capable of accepting input signals as low as 2mVP-P with
a 55dB dynamic range.
The ML4665 is a lower cost version of the industry
standard ML4663. To achieve lower cost, the ML4665
eliminates some functionality (as described below) and is
packaged in a 20-lead PLCC package.
FEATURES
s
Lower cost single chip solution for 10BASE-FL internal
or external Medium Attachment Units (MAUs)
s
Incorporates an AU interface
s
Highly stable data quantizer with 55dB input
dynamic range
s
Input sensitivity as low as 2mVP-P
s
100mA maximum current driven fiber optic LED driver
for accurate launch power
s
Single +5 volt supply
s
No crystal or clock required
s
Link monitor LED indicator
1
BLOCK DIAGRAM
AUI
RECEIVER
Tx
SQUELCH
AUI
DRIVER
AUI
DRIVER
10MHz GATED
OSCILLATOR
LOOPBACK
MUX
JABBER
RECEIVE SQUELCH
LINK DETECT
VREF
FIBER OPTIC
LED
DRIVER
1MHz IDLE
SIGNAL
COL
GND
VCC
(+5V)
+5V
AGND
LBDIS
CTIMER
RRSET
Tx
Rx
BIAS
VCCTx
(+5V)
+5V
RTSET
Tx+
Tx–
COL+
COL–
Rx+
Rx–
AVCC
TxOUT
LMON
VIN+
VDC
VIN-
∫
CMP
AMP
2
3
4
5
8
7
14
6
10
1
17
15
16
18
19
11
13
20
9
12


Similar Part No. - ML4665

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML4665

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
Low Power 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
LOW COST SINGLE CHIP TELEPHONE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com