Electronic Components Datasheet Search
  English  ▼

X  

ML4665 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4665
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4665 Datasheet HTML 5Page - Micro Linear Corporation ML4665 Datasheet HTML 6Page - Micro Linear Corporation ML4665 Datasheet HTML 7Page - Micro Linear Corporation ML4665 Datasheet HTML 8Page - Micro Linear Corporation ML4665 Datasheet HTML 9Page - Micro Linear Corporation ML4665 Datasheet HTML 10Page - Micro Linear Corporation ML4665 Datasheet HTML 11Page - Micro Linear Corporation ML4665 Datasheet HTML 12Page - Micro Linear Corporation ML4665 Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
ML4665
The comparator is a high-speed differential zero crossing
detector that slices and accurately digitizes the receive
signal. The output of the comparator is fed in parallel into
both the receive squelch circuit and the loopback MUX.
LINK DETECT CIRCUIT AND LOW LIGHT
The link detect circuit monitors the input signal and
determines when the input falls below a preset voltage
level. When the input falls below a preset voltage, the
ML4665 goes into the Low Light state. In the Low Light
state the transmitter is disabled, but continues sending the
1MHz idle signal, the loopback is disabled, the receiver is
disabled, and the
LMON LED pin goes to high shutting off
the
LMON LED. To return to the Link Pass state, the
optical receiver power must be 20% higher than the shut-
off state. This built-in hysteresis adds stability to the Link
Monitor circuit. Once the receiver power threshold is
exceeded, the ML4665 waits 250ms to 750ms, then
checks to see that Tx+. Tx– is idle and no data is being
received before re-enabling the transmitter, receiver,
loopback circuit, and lighting up the
LMON LED.
The VTHADJ pin is used to adjust the sensitivity of the
receiver. The ML4665 is capable of exceeding the
10BASE-FL specifications for sensitivity. The sensitivity is
dependent on the layout of the PC board. A good low
noise layout will exceed the 10BASE-FL specifications,
while a poor layout will fail to meet the sensitivity and
BER spec.
The response time of the Link Detect circuit is set by the
CTIMER pin. Starting from the link off state the link can be
switched on if the input exceeds the set threshold for a
time given by:
T=
CTIMER × 0.7V
A
700
µ
(3)
To switch the link from on to off, the above time will be
doubled. A value of 0.05
µF will meet to 10BASE-FL
specifications.
REF
THRESH
GEN
VREF
VTHADJ
R1
R2
Figure 5.
DIFFERENCES BETWEEN ML4665 AND ML4663/ML4668
The ML4665 is a low cost, reduced pin count alternative
to the industry standard ML4663/ML4668. The following
itemizes the differences between the devices.
1. The SQEN pin found in the ML4663/ML4668, has
been removed. In the ML4665, jabber is always
enabled and SQE pulses are not sent on the AUI
collision pair following a transmission.
2. The
JAB, CLSN, RCV and XMT LED pins on the
ML4663/ML4668 have been removed. LEDs
showing transmit, receive and collision activity can
be added externally. See Figure 6.
3. The VREF and VTHADJ pins available on the
ML4663/ML4668, have been removed. In the
ML4665, these pins are tied together internally,
and the threshold is set at 6mVP-P typical. This
threshold cannot be externally modified.
COL+, Rx+
Tx+
VBB
VCC
VCC
5k
0.01
µ
100k
510
74C04
(OR EQUIVALENT)
IN914 (OR EQUIVALENT)
MC10125
(OR EQUIVALENT)
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com