Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 9Page - Texas Instruments TPS60121 Datasheet HTML 10Page - Texas Instruments TPS60121 Datasheet HTML 11Page - Texas Instruments TPS60121 Datasheet HTML 12Page - Texas Instruments TPS60121 Datasheet HTML 13Page - Texas Instruments TPS60121 Datasheet HTML 14Page - Texas Instruments TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
VO(OUT2)
VI = 1.1 V to
1.7 V to 1.1 V,
IO(OUT2) = 20 mA
TA = 25°C
LINE TRANSIENT RESPONSE
50 mV/DIV
500 us/DIV
VI
1 V/DIV
VO(OUT2)
100 mV/DIV
V(Snooze)
1 V/DIV
VI = 1.25 V,
IO(OUT2) = 1 mA,
CO(OUT2) = 1 µF
OUTPUT VOLTAGE
vs
TIME
Figure 20
200 us/DIV
Figure 21
VO(OUT2)
100 mV/DIV
VI = 1.25 V,
IO(OUT2) = 1 mA,
CO(OUT2) = 10 µF
OUTPUT VOLTAGE RIPPLE IN SNOOZE MODE
200 us/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com