Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 3 Page - Texas Instruments

  TPS60121 Datasheet HTML 1Page - Texas Instruments TPS60121 Datasheet HTML 2Page - Texas Instruments TPS60121 Datasheet HTML 3Page - Texas Instruments TPS60121 Datasheet HTML 4Page - Texas Instruments TPS60121 Datasheet HTML 5Page - Texas Instruments TPS60121 Datasheet HTML 6Page - Texas Instruments TPS60121 Datasheet HTML 7Page - Texas Instruments TPS60121 Datasheet HTML 8Page - Texas Instruments TPS60121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS60310 and TPS60311 functional block diagram
CP1
2x (Doubler)
Charge Pump
Oscillator
Control
C1F
C1+
C1–
CP2
1.5x/2x
Charge Pump
Reg
_
+
_
+
Vref
_
+
C2F
C2+
C2–
PG
OUT1
OUT2
GND
SNOOZE
VIN
(Push-Pull Output
for TPS60312 and
TPS60313)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
C1+
4
Positive terminal of the flying capacitor C1F
C1–
2
Negative terminal of the flying capacitor C1F
C2+
7
Positive terminal of the flying capacitor C2F
C2–
8
Negative terminal of the flying capacitor C2F
GND
9
GROUND
OUT1
5
O
2
× VIN power output. Bypass OUT1 to GND with the output filter capacitor C(OUT1).
OUT2
6
O
Regulated 3.3-V power output (TPS60310, TPS60312) or 3-V power output (TPS60311, TPS60313), respectively
Bypass OUT2 to GND with the output filter capacitor C(OUT2).
PG
10
O
Power good detector output. As soon as the voltage on OUT2 reaches about 98% of its nominal value this pin goes
high.
Open drain output on TPS60310 and TPS60311. A pullup resistor should be connected between PG and OUT1 or
OUT2.
Push-pull output stage on TPS60312 and TPS60313
SNOOZE
1
I
Snooze mode enable input
– SNOOZE = Low enables the snooze mode at low output current.
– SNOOZE = High disables the snooze mode.
VIN
3
I
Supply input. Bypass VIN to GND with a ≥ 1-µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com