Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 10Page - Texas Instruments TPS60121 Datasheet HTML 11Page - Texas Instruments TPS60121 Datasheet HTML 12Page - Texas Instruments TPS60121 Datasheet HTML 13Page - Texas Instruments TPS60121 Datasheet HTML 14Page - Texas Instruments TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments TPS60121 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
design procedure
capacitor selection
The TPS6031X devices require only five external capacitors. Their values are closely linked to the required
output current and the output noise and ripple requirements. It is possible to only use 1-
µF capacitors of the
same type.
The input capacitor improves system efficiency by reducing the input impedance and stabilizing the input
current.
The minimum required capacitance of the output capacitor (CO) that can be selected is 1 µF. Depending on the
maximum allowed output ripple voltage, larger values can be chosen. Table 1 shows capacitor values
recommended for low output voltage ripple operation. A recommendation is given for the smallest size.
Table 1. Recommended Capacitor Values for Low-Output Voltage Ripple Operation
VIN
[V]
IO(OUT2)
[mA]
CIN
[
µF]
CXF
[
µF]
COUT
[
µF]
VP–P
[mV]
AT 20 mA/
[V]
[mA]
CERAMIC
CERAMIC
CERAMIC
AT 20 mA/
VIN = 1.1 V
0.9...1.8
0
…20
1
1
1
16
0.9
…1.8
0
…20
1
1
2.2
10
0.9
…1.8
0
…20
1
1
10 // 0.1
6
Table 2. Recommended Capacitors
MANUFACTURER
PART NUMBER
SIZE
CAPACITANCE
TYPE
Taiyo Yuden
UMK212BJ104MG
LMK212BJ105KG
LMK212BJ225MG
JMK316BJ475KL
0805
0805
0805
1206
0.1
µF
1
µF
2.2
µF
4.7
µF
Ceramic
Ceramic
Ceramic
Ceramic
AVX
0805ZC105KAT2A
1206ZC225KAT2A
0805
1206
1
µF
2.2
µF
Ceramic
Ceramic
Table 3 lists the manufacturers of recommended capacitors. However, ceramic capacitors will provide the
lowest output voltage ripple due to their typically lower ESR.
Table 3. Recommended Capacitor Manufacturers
MANUFACTURER
CAPACITOR TYPE
INTERNET
Taiyo Yuden
X7R/X5R ceramic
www.t-yuden.com
AVX
X7R/X5R ceramic
www.avxcorp.com
Vishay
X7R/X5R ceramic
www.vishay.com
Kemet
X7R/X5R ceramic
www.kemet.com
TDK
X7R/X5R ceramic
www.component.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com