Electronic Components Datasheet Search
  English  ▼

X  

ML4895ES Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4895ES
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895ES Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4895ES Datasheet HTML 1Page - Micro Linear Corporation ML4895ES Datasheet HTML 2Page - Micro Linear Corporation ML4895ES Datasheet HTML 3Page - Micro Linear Corporation ML4895ES Datasheet HTML 4Page - Micro Linear Corporation ML4895ES Datasheet HTML 5Page - Micro Linear Corporation ML4895ES Datasheet HTML 6Page - Micro Linear Corporation ML4895ES Datasheet HTML 7Page - Micro Linear Corporation ML4895ES Datasheet HTML 8Page - Micro Linear Corporation ML4895ES Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ML4895
5
OSCILLATOR
ONE SHOT
L1
2.5V
3
+
–
VOUT
ISENSE
COUT
R1
R2
VFB
TRANSCONDUCTANCE
AMPLIFIER
-7mV
S
R
Q
Q
CURRENT
COMPARATOR
SHOOT-THRU
PROTECTION
VIN
2
6
N DRV
7
P DRV
Rgm
tON
VSR
SYNCHRONOUS
RECTIFIER
COMPARATOR
RSENSE
IL
CIN
Figure 1. ML4895 Functional Block Diagram
10
8
6
4
2
0
VIN (V)
5
7.5
10
15
12.5
Figure 2. ON-Time vs. Input Voltage
Figure 3. Volt-seconds vs. Input Voltage
30
25
20
15
10
5
0
VIN (V)
5
7.5
10
15
12.5
VOUT = 2.5V
VOUT = 3.3V
VOUT = 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com