Electronic Components Datasheet Search
  English  ▼

X  

ML4895ES Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4895ES
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895ES Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4895ES Datasheet HTML 2Page - Micro Linear Corporation ML4895ES Datasheet HTML 3Page - Micro Linear Corporation ML4895ES Datasheet HTML 4Page - Micro Linear Corporation ML4895ES Datasheet HTML 5Page - Micro Linear Corporation ML4895ES Datasheet HTML 6Page - Micro Linear Corporation ML4895ES Datasheet HTML 7Page - Micro Linear Corporation ML4895ES Datasheet HTML 8Page - Micro Linear Corporation ML4895ES Datasheet HTML 9Page - Micro Linear Corporation ML4895ES Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML4895
7
ON resistance - gate charge product provides a good
figure of merit by which to compare various MOSFETs,
the lower the figure the better. The internal gate drivers of
the ML4895 can drive over 100nC of total gate charge,
but 60nC to 70nC is a more practical limit to ensure good
switching times.
The drain-source breakdown voltage rating is determined
by the input voltage. For input voltages up to 10V, a drain
to source rating of 20V is acceptable. For input voltages
up to 15V, a drain to source rating of 30V is
recommended. For a more reliable design, look for
MOSFETs that are avalanche rated.
In high current applications, the MOSFET’s power
dissipation often becomes a major design factor. The I2R
losses generate the largest portion of heat in the MOSFET
package. Make sure that the MOSFETs are within their
rated junction temperature at the maximum ambient
temperature by calculating the temperature rise using the
thermal resistance specifications.
The worst case power dissipation for the P-MOS switch
occurs at the minimum input voltage and is determined
as follows:
PI
R
PMOS
RMS ON
DS ON
−
=×
()
()
2
(11)
where:
I
V
V
II
I
I
RM S ON
OUT
IN MAX
SENSE( MAX
SENSE( MAX
L PEAK MAX
L PEAK MAX
()
()
)
)
(())
(())
2
22
3
=×
+×
+
F
HG
I
KJ
The worst case power dissipation for the N-MOS switch
occurs at the maximum input voltage and is determined
using:
PI
R
N MOS
RMS OFF
DS ON
−
=×
()
(
)
2
(12)
For reliable operation, the inductor current rating should
exceed the value calculated by 10%-20%.
For future reference, determine the peak inductor current
at the minimum input voltage:
II
I
L PEAK MIN
SENSE MIN
L MIN
((
))
(
)
(
)
=+ ∆
(8)
I
V
R
I
LPEAK MIN
SENSE MIN
SENSE
LMIN
af
ch
af
af
=+ ∆
I
V
R
I
LPEAK MIN
SENSE
LMIN
af
ch
af
=+
006
.
∆
Now the sense resistor’s power rating can be determined.
The sense resistor must be able to carry the peak current
in the inductor during the OFF-time:
PI
R
R
RMS OFF
SENSE
SENSE
=×
()
2
(9)
where:
I
V
V
II
I
I
RMS OFF
OUT
IN MAX
SENSE(MAX
SENSE(MAX
L PEAK MAX
L PEAK MAX
()
()
)
)
((
))
(())
2
22
1
3
=−
×
+×
+
F
HG
I
KJ
The final parameter that should be specified is the
winding resistance of the inductor. In general, the
winding resistance should be as low as possible,
preferably in the low m
Ω range. Since the inductor is in
series with the load at all times, the copper losses can be
approximated by:
PI
R
Cu
OUT
L
=×
2
(10)
A good rule of thumb is to allow 2 m
Ω of winding
resistance per
µH of inductance.
MOSFET SELECTION
The switching MOSFETs must be logic level types with
the ON resistance specified at VGS = 4.5V. In general, the
t
IL
∆IL
ILPK
ISENSE =
VSENSE
RSENSE
IOUT = ISENSE + 1/2 ∆IL
TON
VIN – VOUT
TOFF
L
VOUT
L
Figure 5. Buck Regulator Inductor Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com