Electronic Components Datasheet Search
  English  ▼

X  

ML4895ES Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4895ES
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895ES Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4895ES Datasheet HTML 2Page - Micro Linear Corporation ML4895ES Datasheet HTML 3Page - Micro Linear Corporation ML4895ES Datasheet HTML 4Page - Micro Linear Corporation ML4895ES Datasheet HTML 5Page - Micro Linear Corporation ML4895ES Datasheet HTML 6Page - Micro Linear Corporation ML4895ES Datasheet HTML 7Page - Micro Linear Corporation ML4895ES Datasheet HTML 8Page - Micro Linear Corporation ML4895ES Datasheet HTML 9Page - Micro Linear Corporation ML4895ES Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ML4895
1
0
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
DS4895-01
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4895ES
-20°C to 70°C
8-Pin SOIC (S08)
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
Package: S08
8-Pin SOIC
.187/.198
(4.75/5.03)
.011/.021
(.280/.533)
.050
± .008
(1.27
± 0.20)
.059/.070
(1.50/1.79)
SEATING
PLANE
.148/.159
(3.76/4.04)
.007/.010
(.177/.254)
.228/.246
(5.79/6.25)
.014/.037
(.355/.940)
.018 MIN (.475)
(4 PLCS)
TYP.
85
4
1
© Micro Linear 1996
is a registered trademark of Micro Linear Corporation.
Products described herein may be covered by one or more of the following patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017;
5,559,470. Other patents are pending



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com