Electronic Components Datasheet Search
  English  ▼

X  

ML4950 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4950
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4950 Datasheet HTML 1Page - Micro Linear Corporation ML4950 Datasheet HTML 2Page - Micro Linear Corporation ML4950 Datasheet HTML 3Page - Micro Linear Corporation ML4950 Datasheet HTML 4Page - Micro Linear Corporation ML4950 Datasheet HTML 5Page - Micro Linear Corporation ML4950 Datasheet HTML 6Page - Micro Linear Corporation ML4950 Datasheet HTML 7Page - Micro Linear Corporation ML4950 Datasheet HTML 8Page - Micro Linear Corporation ML4950 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ML4950
4
Figure 1. Application Test Circuit.
Q(ONE SHOT)
Q1 ON
Q1 ON
Q2
ON
Q2
ON
INDUCTOR
CURRENT
Q1 & Q2 OFF
Figure 3. PFM Inductor Current Waveforms and Timing.
Figure 2. PFM Regulator Block Diagram.
ML4950
IOUT
100µF
464k
Ω
0.1%
40.2k
Ω
0.1%
100µF
VIN
27µH
(Sumida CD75)
VOUT
VIN
GND
SENSE
DETECT
PWR GND
RESET
VL
VOUT
VREF
VOUT
VOUT
+
–
VL
VIN
L1
Q1
Q2
5
SENSE
3
6
–
+
+
–
S
R
Q
Q
5µs
ONE SHOT
START-UP
A2
A1
R1
R2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com