Electronic Components Datasheet Search
  English  ▼

X  

ML4950 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4950
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4950 Datasheet HTML 2Page - Micro Linear Corporation ML4950 Datasheet HTML 3Page - Micro Linear Corporation ML4950 Datasheet HTML 4Page - Micro Linear Corporation ML4950 Datasheet HTML 5Page - Micro Linear Corporation ML4950 Datasheet HTML 6Page - Micro Linear Corporation ML4950 Datasheet HTML 7Page - Micro Linear Corporation ML4950 Datasheet HTML 8Page - Micro Linear Corporation ML4950 Datasheet HTML 9Page - Micro Linear Corporation ML4950 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML4950
6
After the appropriate inductor value is chosen, it is
necessary to find the minimum inductor current rating
required. Peak inductor current is determined from the
following formula:
I
tV
L
LPEAK
ON MAX
IN MAX
MIN
()
()
(
)
=
™
(3)
In the single cell application previously described, a
maximum input voltage of 1.6V would give a peak current
of 383mA. When comparing various inductors, it is
important to keep in mind that suppliers use different
criteria to determine their ratings. Many use a conservative
current level, where inductance has dropped to 90% of its
normal level. In any case, it is a good idea to try inductors
of various current ratings with the ML4950 to determine
which inductor is the best choice. Check efficiency and
maximum output current, and if a current probe is
available, look at the inductor current to see if it looks like
the waveform shown in Figure 3. For additional
information, see Application Note 29.
Suitable inductors can be purchased from the following
suppliers:
Coilcraft
(847) 639-6400
Coiltronics
(561) 241-7876
Dale
(605) 665-9301
Sumida
(847) 956-0666
XFMRS, Inc. (317) 834-1066
OUTPUT CAPACITOR
The choice of output capacitor is also important, as it
controls the output ripple and optimizes the efficiency of
the circuit. Output ripple is influenced by three
parameters: capacitance, ESR, and ESL. The contribution
due to capacitance can be determined by looking at the
change in capacitor voltage required to store the energy
delivered by the inductor in a single charge-discharge
cycle, as determined by the following formula:
DV
tV
LC
V
V
OUT
ON
IN
OUT
IN
=
™
™™ ™
-
22
2
16
(4)
For a 1.2V input, a 2.5V output, a 27µH inductor, and a
47µF capacitor, the expected output ripple due to
capacitor value is 11mV.
Capacitor Equivalent Series Resistance (ESR) and
Equivalent Series Inductance (ESL), also contribute to the
output ripple due to the inductor discharge current
waveform. Just after the NMOS transistor turns off, the
output current ramps quickly to match the peak inductor
current. This fast change in current through the output
capacitor’s ESL causes a high frequency (5ns) spike that
can be over 1V in magnitude. After the ESL spike settles,
the output voltage still has a ripple component equal to
the inductor discharge current times the ESR. This
component will have a sawtooth shape and a peak value
equal to the peak inductor current times the ESR. ESR also
has a negative effect on efficiency by contributing I2R
losses during the discharge cycle.
An output capacitor with a capacitance of 100µF, an ESR
of less than 0.1
W, and an ESL of less than 5nH is a good
general purpose choice. Tantalum capacitors which meet
these requirements can be obtained from the following
suppliers:
AVX
(207) 282-5111
Sprague
(207) 324-4140
If ESL spikes are causing output noise problems, an EMI
filter can be added in series with the output.
INPUT CAPACITOR
Unless the input source is a very low impedance battery, it
will be necessary to decouple the input with a capacitor
with a value of between 47µF and 100µF. This prevents
input ripple from affecting the ML4950 control circuitry,
and it also improves efficiency by reducing I2R losses
during the charge and discharge cycles of the inductor.
Again, a low ESR capacitor (such as tantalum) is
recommended.
SETTING THE OUTPUT VOLTAGE
The adjustable output can be set to any voltage between
2V and 3V by connecting a resistor divider to the SENSE
pin as shown in the block diagram. The resistor values R1
and R2 can be calculated using the following equation:
V
RR
R
OUT =™
+
02
12
2
.
16
(5)
The value of R2 should be 40kW or less to minimize bias
current errors. R1 is then found by rearranging the
equation:
RR
VOUT
12
02
1
=™
-


.
(6)
DESIGN CONSIDERATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com