Electronic Components Datasheet Search
  English  ▼

X  

ML4950 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4950
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4950 Datasheet HTML 1Page - Micro Linear Corporation ML4950 Datasheet HTML 2Page - Micro Linear Corporation ML4950 Datasheet HTML 3Page - Micro Linear Corporation ML4950 Datasheet HTML 4Page - Micro Linear Corporation ML4950 Datasheet HTML 5Page - Micro Linear Corporation ML4950 Datasheet HTML 6Page - Micro Linear Corporation ML4950 Datasheet HTML 7Page - Micro Linear Corporation ML4950 Datasheet HTML 8Page - Micro Linear Corporation ML4950 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
GENERAL DESCRIPTION
The ML4950 is a low power boost regulator designed for
low voltage DC to DC conversion in single cell battery
powered systems. The maximum switching frequency can
exceed 100kHz, allowing the use of small, low cost
inductors.
The combination of integrated synchronous rectification,
variable frequency operation, and low supply current
make the ML4950 ideal for single cell applications. The
ML4950 is capable of start-up with input voltages as low
as 1V, and the output voltage can be set anywhere
between 2V and 3V.
An integrated synchronous rectifier eliminates the need for
an external Schottky diode and provides a lower forward
voltage drop, resulting in higher conversion efficiency. In
addition, low quiescent battery current and variable
frequency operation result in high efficiency even at light
loads. The ML4950 requires a minimum number of
external components and is capable of achieving
conversion efficiencies in excess of 90%.
The circuit also contains a RESET output which goes low
when the IC can no longer function due to low input
voltage, or when the DETECT input drops below 200mV.
*Some Packages Are Obsolete
FEATURES
s
Guaranteed full load start-up and operation at 1V input
s
Pulse Frequency Modulation (PFM) and internal
synchronous rectification for high efficiency
s
Minimum external components
s
Low ON resistance internal switching FETs
s
Micropower operation
s
Adjustable output voltage (2V to 3V)
s
Low battery detect
BLOCK DIAGRAM
July 2000
ML4950
*
Adjustable Output, Low Current
Single Cell Boost Regulator with Detect
VREF
VOUT
VL
5
SENSE
3
VIN
1
DETECT
4
PWR
GND
8
6
RESET
VREF
–
+
+
–
S
R
Q
Q
5µs
ONE SHOT
START-UP
REFERENCE
GND
2
VREF
+
–
COMP
7
FEATURING
Extended Commercial
Temperature
Range
-20˚C to 70˚C
for Portable
Handheld
Equipment


Similar Part No. - ML4950

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
ML49 MERCURY-ML49 Datasheet
109Kb / 1P
Surface Mount Crystals
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CS MICRO-LINEAR-ML4900CS Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CT MICRO-LINEAR-ML4900CT Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
More results

Similar Description - ML4950

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
Adjustable Output, Low Ripple Boost Regulator
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Detect
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Fairchild Semiconductor
FAN4855 FAIRCHILD-FAN4855 Datasheet
527Kb / 12P
500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com