Electronic Components Datasheet Search
  English  ▼

X  

ML6423 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6423
Description  Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6423 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6423 Datasheet HTML 1Page - Micro Linear Corporation ML6423 Datasheet HTML 2Page - Micro Linear Corporation ML6423 Datasheet HTML 3Page - Micro Linear Corporation ML6423 Datasheet HTML 4Page - Micro Linear Corporation ML6423 Datasheet HTML 5Page - Micro Linear Corporation ML6423 Datasheet HTML 6Page - Micro Linear Corporation ML6423 Datasheet HTML 7Page - Micro Linear Corporation ML6423 Datasheet HTML 8Page - Micro Linear Corporation ML6423 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ML6423
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1VINC
Signal input to filter C. Input
impedance is 4k
W.
2
GND
Power and logic ground.
3
GNDC
Ground pin for filter C.
4VCC
Positive supply: 4.5V to 5.5V.
5
NC
No Connect
6VOUTC
Output of filter C. Drive is 1VP-P into
75
W (0.5V to 1.5V) or 2VP-P into 150W
(0.5V to 2.5V).
7VCCC
Power supply voltage for filter C.
8VOUTB
Sum of Filter A and Filter C. Drive is
1VP-P into 75W (0.5V to 1.5V) or 2VP-P
into 150
W (0.5V to 2.5V).
9
GNDB
Ground pin for output B.
PIN
NAME
FUNCTION
10
VCCB
Power supply voltage for output B.
11
NC
No Connect
12
VOUTA
Output of filter A. Drive is 1VP-P into
75
W (0.5V to 1.5V) or 2VP-P into 150W
(0.5V to 2.5V).
13
VCCA
Power supply voltage for filter A.
14
GNDA
Ground pin for filter A.
15
RANGE
Input signal range select. When
RANGE is low (0), the input signal
range is 0.5V to 1.5V, with an output
range of 0.5V to 2.5V. When RANGE
is high (1) the input signal range is 0V
to 1V, while the output range is 0.5V
to 2.5V.
16
VINA
Signal input to filter A. Input
impedance is 4k
W.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
ML6423
16-Pin Wide SOIC (S16W)
VINC
GND
GNDC
VCC
NC
VOUTC
VCCC
VOUTB
VINA
RANGE
GNDA
VCCA
VOUTA
NC
VCCB
GNDB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com