Electronic Components Datasheet Search
  English  ▼

X  

ML6423 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6423
Description  Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6423 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6423 Datasheet HTML 2Page - Micro Linear Corporation ML6423 Datasheet HTML 3Page - Micro Linear Corporation ML6423 Datasheet HTML 4Page - Micro Linear Corporation ML6423 Datasheet HTML 5Page - Micro Linear Corporation ML6423 Datasheet HTML 6Page - Micro Linear Corporation ML6423 Datasheet HTML 7Page - Micro Linear Corporation ML6423 Datasheet HTML 8Page - Micro Linear Corporation ML6423 Datasheet HTML 9Page - Micro Linear Corporation ML6423 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML6423
6
FUNCTIONAL DESCRIPTION
The ML6423 single-chip dual video filter is intended for
low cost professional and consumer video applications.
Each of the two channels incorporates an input buffer
amplifier, a 6th-order lowpass filter, a 1st-order allpass
equalizer, sinx/x equalizer and an output 2X gain
amplifier capable of driving 75
W to ground. A third
output (B) is the sum of the A and C inputs and have the
identical output amplifier as the A and C channels.
The ML6423 can be driven by a DAC with RANGE down
to 0V. When RANGE is low the input range is 0.5V to
1.5V. When the input signal range is 0V to 0.1V, RANGE
should be tied high. In this case, an offset is added to the
input so that the output swing is kept between 0.5V to
2.5V. The output amplifier is capable of driving up to
24mA of peak current; therefore the output voltage should
not exceed 1.8V when driving 75
W to ground.
APPLICATION GUIDELINES
OUTPUT & INPUT CONSIDERATIONS
The dual filters have 2X gain. The circuit has 2X gain
(6dB) when connected to a 150W load, and 0dB gain
when driving a 75
W load via a 75W series output resistor.
The output may be either AC or DC coupled. For AC
coupling, the –3dB point should be 5Hz or less. There
must also be a DC path of
£500W to ground for output
biasing. The ML6423-5 provides higher sink current to
better drive AC coupled loads.
The input resistance is 4k
W. The input may be either DC
or AC coupled. (Note that each input sources 80 to 125µA
of bias current). The ML6423 is designed to be directly
driven by a DAC. For current output video DACs, a 75
W
or 150
W resistor to ground may need to be added to the
DAC output (filter input).
Figure 4. ML6423 AC Coupled DC Bias Test Circuit
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VINA
RANGE
GNDA
VCCA
VOUTA
NC
VCCB
GNDB
VINC
GND
GNDC
VCC
NC
VOUTC
VCCC
VOUTB
75
Ω
VOUTA
1
µF 100µF
0.1
µF
85
Ω
100
Ω
2.56k
Ω
1k
VINA
+
+
+
0.1
µF
100
µF
1nF
1nF
1nF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
1nF
1
µF
100
µF
75
Ω
85
Ω
100
Ω
VOUTC
75
Ω
VOUTB
2.56k
Ω
1k
Ω
VINC
+5V
FB2
FB1
DC
BIAS
INPUT SIGNAL
= 1VP-P
0.1
µF
1nF
INPUT
DECOUPLING
SUPPLY NOISE
CLAMPING
INPUT
TERMINATION
RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com