Electronic Components Datasheet Search
  English  ▼

X  

ML6423 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6423
Description  Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6423 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6423 Datasheet HTML 1Page - Micro Linear Corporation ML6423 Datasheet HTML 2Page - Micro Linear Corporation ML6423 Datasheet HTML 3Page - Micro Linear Corporation ML6423 Datasheet HTML 4Page - Micro Linear Corporation ML6423 Datasheet HTML 5Page - Micro Linear Corporation ML6423 Datasheet HTML 6Page - Micro Linear Corporation ML6423 Datasheet HTML 7Page - Micro Linear Corporation ML6423 Datasheet HTML 8Page - Micro Linear Corporation ML6423 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GENERAL DESCRIPTION
The ML6423 monolithic BiCMOS 6th-order filter provides
a two-channel fixed frequency lowpass filtering for video
applications. This dual phase equalized filter with sinx/x
correction is designed for reconstruction filtering at the
output of a Video DAC. A composite sum output
eliminates the need for a third DAC.
Cutoff frequencies are either 5.5MHz or 9.6MHz. Each
channel incorporates a 6th-order lowpass filter, a first
order allpass filter, a gain boost circuit, and a 75
W coax
cable driver. A control pin (RANGE) is provided to allow
the inputs to swing from 0 to 1V, or 0.5 to 1.5V, by
providing a 0.5V offset to the input.
The 2X gain filters are powered from a single 5V supply,
and can drive 1VP-P into 75W (0.5V to 1.5V), or 2VP-P into
150
W (0.5V to 2.5V) with the internal coax drivers.
June 1999
PRELIMINARY
ML6423*
Dual S-Video Lowpass Filter with
Phase and Sinx/x Equalization
1
FEATURES
s 5.5 or 9.6MHz bandwidth with 6dB gain
s >40dB stopband rejection
s No external components or clocks
s ±10% frequency accuracy over maximum supply
and temperature variation
s <2% differential gain, <2° differential phase
s <20ns group delay variation
s 5V ±10% operation
s Composite (sum) output
s High sink current for AC coupled loads, ML6423-5
* This Product Is End Of Life As Of August 1, 2000
ML6423-1
ML6423-2
ML6423-5
Filter A
5.50MHz
9.6MHz
9.6MHz
Filter C
5.50MHz
9.6MHz
9.6MHz
BLOCK DIAGRAM
16
4
7
VINA (Y)
12
VOUTA (Y)
2k
Ω
2k
Ω
3.43k
Ω
9
8
VOUTB (CV)
3.43k
Ω
1
15
VINC (C)
6
VOUTC (C)
3.43k
Ω
VCCC
10
VCCBVCC
13
VCCA
GNDC
14
GNDA
2
GND
RANGE
GNDB
IBIAS
IBIAS
2k
Ω
2k
Ω
∑
BUF
2X
BUF
LOWPASS
FILTER A
BUF
LOWPASS
FILTER C
SINX/X
EQUALIZER
SINX/X
EQUALIZER
ALLPASS
FILTER
ALLPASS
FILTER
2X
BUF
2X
BUF
3


Similar Part No. - ML6423

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-1 MICRO-LINEAR-ML6420CS-1 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-3 MICRO-LINEAR-ML6420CS-3 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-4 MICRO-LINEAR-ML6420CS-4 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-5 MICRO-LINEAR-ML6420CS-5 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
More results

Similar Description - ML6423

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
Linear Phase, 8th Order Lowpass Filter
logo
Micro Linear Corporatio...
ML6421 MICRO-LINEAR-ML6421 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6424 MICRO-LINEAR-ML6424 Datasheet
149Kb / 12P
CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
logo
Linear Technology
LTC6603 LINER-LTC6603 Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
Linear Phase Lowpass Filter
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
logo
Linear Technology
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
Linear Phase, 8th Order Lowpass Filter
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
Dual Adjustable Lowpass Filter
logo
Mixed Signal Integratio...
MSVL14 MSI-MSVL14 Datasheet
49Kb / 4P
14 MHz Video Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com