Electronic Components Datasheet Search
  English  ▼

X  

ML6430 Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 19Page - Micro Linear Corporation ML6430 Datasheet HTML 20Page - Micro Linear Corporation ML6430 Datasheet HTML 21Page - Micro Linear Corporation ML6430 Datasheet HTML 22Page - Micro Linear Corporation ML6430 Datasheet HTML 23Page - Micro Linear Corporation ML6430 Datasheet HTML 24Page - Micro Linear Corporation ML6430 Datasheet HTML 25Page - Micro Linear Corporation ML6430 Datasheet HTML 26Page - Micro Linear Corporation ML6430 Datasheet HTML 27Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
ML6430/ML6431
23
Figure 7. Typical Serial Bus Command
SDATA
SCLK
‘1’
‘0’
‘0’
‘0’
Ø
Ø
R3
R2
R1
R0
D3
D2
D1
D0
‘0’
‘1’
‘1’
‘1’
0
1
2
3
4
5
9
ABC
D
E
FG
H
I
SCLK:
SDATA:
SCLK:
Address decode strobed on 9th clock
[Data is ‘don’t care’ during strobe]
‘1011 0010’ shifted on next 8 clocks
Falling edge in prep for device address transfer
SDATA:
SDATA:
SDATA:
Final Clock strobes data into register
Second 4 bits are Register Data
First 4 bits are Register Address
DEVICE ADDR = ‘B2’
DATA
REGISTER
SUB-ADDR
STROBE
68
7
Figure 8. Serial Bus Command to Set Bit #2 in Register 7
Device Address
Register Address
Strobe in Address
Data Strobed into
Appropriate Register
Data
1
1
START
SDATA
SCLK
234
56789
A
B
C
D
E
F
GH
ISTOP
0
1
10
0
1
0
1
1
1
0
1
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com