Electronic Components Datasheet Search
  English  ▼

X  

ML6430 Datasheet(PDF) 30 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 30 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 25Page - Micro Linear Corporation ML6430 Datasheet HTML 26Page - Micro Linear Corporation ML6430 Datasheet HTML 27Page - Micro Linear Corporation ML6430 Datasheet HTML 28Page - Micro Linear Corporation ML6430 Datasheet HTML 29Page - Micro Linear Corporation ML6430 Datasheet HTML 30Page - Micro Linear Corporation ML6430 Datasheet HTML 31Page - Micro Linear Corporation ML6430 Datasheet HTML 32Page - Micro Linear Corporation ML6430 Datasheet HTML 33Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
ML6430/ML6431
30
PAL AT SQUARE PIXEL RATE
SYMBOL
NAME:
CCIR 601STD
TYP
UNITS
DESCRIPTION
NHA
Clocks per H:
768
767
cycles
Active
NH
Clocks per H:
944
944
cycles
Whole Line
NVA
H per Frame:
609, 616 lines
Active
NV
H per Frame:
625
625
lines
Whole Line
NVBLKW Lines of Blanking:
15
lines
Wide
NVBLKN Lines of Blanking:
9
lines
Narrow
tH
H Line Time
64.0
64.0
µs
tHS
H Sync Time
0.0
0.0
µs
tHSW
H Sync Width
4.7
4.68
µs
tHRW
H Reset Width
34
µs
tHEQW
Equalizer Sync
2.35
2.31
µs
Width
tHSERRW Serration Sync
27.3
27.32
µs
Width
tHSTC
Sync Tip Clamp
300
102
ns
Pulse
tHSTCW Sync Tip Clamp
1.5
1.49
µs
Width
tHBPC
BurstPulse
300
339
ns
tHBPGW BurstWidth
2.43
2.44
µs
tHBPCW B Clamp Width
4.0
4.0
µs
tHBLK
H Blanking Pulse
–1.5
–1.49
µs
tHBLKW
H Blanking Pulse
12.0
12.0
µs
Width
NTSC AT SQUARE PIXEL RATE
SYMBOL
NAME:
CCIR 601STD
TYP
UNITS
DESCRIPTION
NHA
Clocks per H:
640
648
cycles
Active
NH
Clocks per H:
780
780
cycles
Whole Line
NVA
H per Frame:
486
493,507
lines
Active
NV
H per Frame:
525
525
lines
Whole Line
NVBLKW Lines of Blanking:
16
15
lines
Wide
NVBLKN Lines of Blanking:
9
9
lines
Narrow
tH
H Line Time
63.55
63.55
µs
tHS
H Sync Time
0.0
0.0
µs
tHSW
H Sync Width
4.7
4.73
µs
tHRW
H Reset Width
41
µs
tHEQW
Equalizer Sync
2.35
2.28
µs
Width
tHSERRW Serration Sync
27.05
µs
Width
tHSTC
Sync Tip Clamp
300
122
ns
Pulse
tHSTCW
Sync Tip Clamp
1.5
1.47
µs
Width
tHBPC
BurstPulse
300
326
ns
tHBPGW BurstWidth
2.51
2.44
µs
tHBPCW B Clamp Width
4.0
3.91
µs
tHBLK
H Blanking Pulse
–1.5
–1.39
µs
tHBLKW
H Blanking Pulse
10.9
10.76
µs
Width
Table 12. Pulse Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com