Electronic Components Datasheet Search
  English  ▼

X  

ML6461 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6461
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6461 Datasheet HTML 1Page - Micro Linear Corporation ML6461 Datasheet HTML 2Page - Micro Linear Corporation ML6461 Datasheet HTML 3Page - Micro Linear Corporation ML6461 Datasheet HTML 4Page - Micro Linear Corporation ML6461 Datasheet HTML 5Page - Micro Linear Corporation ML6461 Datasheet HTML 6Page - Micro Linear Corporation ML6461 Datasheet HTML 7Page - Micro Linear Corporation ML6461 Datasheet HTML 8Page - Micro Linear Corporation ML6461 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ML6461
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, AVCC = DVCC = 4.5V to 5.5V, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER PERFORMANCE
Power Dissipation
750
mW
SUPPLIES
AVCC
Analog Supply Voltage
4.5
5.5
V
DVCC
Digital Supply Current
4.5
5.5
V
ISA
Analog Supply Current
125
mA
ISD
Digital Supply Current
Max. Programmed Clock Rates
35
mA
DIGITAL INPUT SIGNALS
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
IIL
Low Level Input Current
VIN = at 0.1V
1
µA
IIH
High Level Input Current
VIN = at DVCC – 0.1V
1
µA
Input Capacitance
2pF
DIGITAL OUTPUT SIGNALS
VOL
Low Level Output Voltage
IOUT = 2mA
0.4
V
VOH
High Level Output Voltage
IOUT = 100µA
VCC-0.4
V
Output Capacitance
50
pF
ENCODER AND DAC (Note 2)
Output Amplitude Accuracy
SMPTE Color Bars
2
5
%
CV Output Amplitude
SMPTE Color Bars, Peak-to-Peak
0.95
1.05
V
C Output Amplitude
SMPTE Color Bars, Peak-to-Peak
0.594
0.657
V
Y Analog/Digital Bandlimit
Swept Multiburst
5.7
MHz
C Analog/Digital Bandlimit
Swept Multiburst
1.5
MHz
Vector Phase Accuracy (Note 3)
Swept Multiburst
–2.5
1
2.5
º
Vector Amplitude Accuracy (Note 3)
SMPTE Color Bars
–2.5
2.5
%
Chroma Phase Linearity
NTC7 Stepped Subcarrier
–2
2
º
Chroma Amplitude Linearity
NTC7 Stepped Subcarrier
–1
1
IRE
Differential Gain
NTC7 Modulated Staircase (Note 2)
0.5
1
%
Differential Phase
NTC7 Modulated Staircase (Note 2)
0.5
1
º
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
AVCC, DVCC .................................................... –0.3 to 7V
Analog and Digital Inputs/Outputs .... –0.3 to AVCC + 0.3V
Input current per pin ................................... –25 to 25mA
Storage Temperature .................................... –65 to 150ºC
Junction Temperature .............................................. 120ºC
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
Operating Supply Range ............................... 4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com