Electronic Components Datasheet Search
  English  ▼

X  

ML6461 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6461
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6461 Datasheet HTML 2Page - Micro Linear Corporation ML6461 Datasheet HTML 3Page - Micro Linear Corporation ML6461 Datasheet HTML 4Page - Micro Linear Corporation ML6461 Datasheet HTML 5Page - Micro Linear Corporation ML6461 Datasheet HTML 6Page - Micro Linear Corporation ML6461 Datasheet HTML 7Page - Micro Linear Corporation ML6461 Datasheet HTML 8Page - Micro Linear Corporation ML6461 Datasheet HTML 9Page - Micro Linear Corporation ML6461 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ML6461
6
FUNCTIONAL DESCRIPTION
INTRODUCTION
The ML6461 is a single-chip NTSC video encoder for
generating analog composite (CV) and S-video (Y/C)
outputs from YCrCb digital inputs. The ML6461 is a mixed
signal processor optimizing SNR and distortion by
performing subcarrier generation, sync generation,
modulation and upsampling in the digital domain, while
performing mixing, reconstruction and gain scaling in the
analog domain. In particular, the Y channel requires no
digital scaling, eliminating the need for higher precision
digital solutions. All timing is based on an external clock
source either 27MHz for CCIR656 clock rate or
24.54MHz for square pixel clock rate.
Additionally, the ML6461 allows the inclusion of Closed
Captioning codes in the vertical blanking interval (VBI).
Both lines 21 and 284 support Closed Captioning.
Table 1. Video Encoder Functional Selection
Table 2: Video Standards and Clock Rates
DEVICE
FUNCTIONAL DESCRIPTION
Video Formats
Clock
DAC
Closed
Macrovision
Reconstruction
75
Ω
Ω
Ω
Ω
Ω
Rates
Caption
Filter
Cable
Encoder
Driver
NTSC
PAL
CCIR656
Square
Pixel
ML6460
Yes. Input: 8-Bit
No
Yes
Yes
Yes.
Yes
Yes
Yes. 7th-order
Yes.
YCrCb digital
10-bit
Butterworth, with
Outputs: Y, C,
DAC
group delay
and CV analog
equalization
ML6461
Yes. Input: 8-Bit
No
Yes
Yes
Yes.
Yes
No
Yes. 7th-order
Yes.
YCrCb digital
10-bit
Butterworth, with
Outputs: Y, C,
DAC
group delay
and CV analog
equalization
HORIZONTAL
PIXELS PER
INPUT
CLOCK RATE
LINES PER FRAME
HORIZONTAL LINE
NTSC CCIR656
27 MHz
525
858
NTSC Square Pixel
24.54 MHz
525
780
Other special functions include: programmable polarity
and relative position of sync pulses, master and slave
modes of which includes the ability to handle ITU-R656-
compliant digital TV or ITU-R/SMPTE specifications,
chroma subcarrier phase and frequency adjustments from
external source; Japanese NTSC support; 100% color bars
processing; and internal 7th order reconstruction filters
with group delay equalization and 6dB line drivers for
direct TV output.
The ML6461 can be programmed and controlled via a
two-wire serial bus or preset modes. A summary of the
features of the ML6461 are listed in Table 1.
VIDEO STANDARDS SUPPORTED
The ML6461 supports NTSC only. The video standards
and clock rates are listed in Table 2.
Table 3: Pin Assignments for Various Master/Slave Modes
MODE
VSYNC PIN
HSYNC PIN
FIELD PIN
Master Mode
OUT
OUT
IN/OUT
External Slave Mode
IN
IN
IN/OUT
Internal Slave Mode (SAV/EAV CCIR656)
OUT
OUT
IN/OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com