Electronic Components Datasheet Search
  English  ▼

X  

ML6461 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6461
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6461 Datasheet HTML 1Page - Micro Linear Corporation ML6461 Datasheet HTML 2Page - Micro Linear Corporation ML6461 Datasheet HTML 3Page - Micro Linear Corporation ML6461 Datasheet HTML 4Page - Micro Linear Corporation ML6461 Datasheet HTML 5Page - Micro Linear Corporation ML6461 Datasheet HTML 6Page - Micro Linear Corporation ML6461 Datasheet HTML 7Page - Micro Linear Corporation ML6461 Datasheet HTML 8Page - Micro Linear Corporation ML6461 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ML6461
5
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2:
All specifications include reconstruction filter and line driver.
Note 3:
Normalized to burst.
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODER AND DAC (Continued) (Note 2)
Luma Nonlinearity
–1
1
IRE
FSC Phase Jitter (RMS)
SMPTE Color Bars
1
º
Quadrature Error
SMPTE Color Bars
1
º
SERIAL BUS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIL
Low Level Input Voltage
0
0.8
V
VIH
High Level Input Voltage
VCC – 0.8
VCC
V
IIL
Low Level Input Current
VIN = 0V
1.0
µA
IIH
High Level Input Current
VIN = DVCC
1.0
µA
ZIN
Input Impedance
fCLK = 100kHz
1
M
Ω
CIN
Input Capacitance
2pF
SYSTEM TIMING
fCLOCK
SCLK Frequency
100
kHz
VHYS
Input Hysteresis
0.2
V
tSPIKE
Spike Suppression
Max Length for Zero Response
50
ns
tWAIT
Wait Time From STOP to START
On SDATA
1.3
µs
tHD/START Hold Time for START On SDATA
0.6
µs
tSU/START Setup Time for START On SDATA
0.6
µs
tLOW
Min LOW Time On SCLK
1.3
µs
tHI
Min HIGH Time On SCLK
0.6
µs
tHD/DATA Hold Time On SDATA
5.0
µs
tSU/DATA
Setup Time On
Fast mode
100
ns
Slow mode
250
ns
tLH
Rise Time for SCLK & SDATA
30
300
ns
tHL
Fall Time for SCLK & SDATA
30
300
ns
tSU/STOP
Setup Time for STOP On SDATA
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com