Electronic Components Datasheet Search
  English  ▼

X  

ML6554 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6554
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML6554 Datasheet HTML 5Page - Micro Linear Corporation ML6554 Datasheet HTML 6Page - Micro Linear Corporation ML6554 Datasheet HTML 7Page - Micro Linear Corporation ML6554 Datasheet HTML 8Page - Micro Linear Corporation ML6554 Datasheet HTML 9Page - Micro Linear Corporation ML6554 Datasheet HTML 10Page - Micro Linear Corporation ML6554 Datasheet HTML 11Page - Micro Linear Corporation ML6554 Datasheet HTML 12Page - Micro Linear Corporation ML6554 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ML6554
9
NOVEMBER, 1999
3.3V POWER
SUPPLY
ACTIVE
CLAMP
VDD
CURRENT SOURCE/SINK
POWER SUPPLY
VTT
GND
VCCQ
VA
VCCQ
SUPPLY
VA
ML6554
EVAL
ITT
Figure 8. Test Circuit Setup
Figure 9. VTT Performance for SSTL-2 Bus
3A SOURCING
2A SOURCING
1A SOURCING
VTT VARIANCE WITH VDD@ITT (VCCQ 2.5V)
TESTED WITH EVAL PCB
3A SINKING
ITT
2A SINKING
1A SINKING
0A SINKING
1.29
1.28
1.27
1.26
VDD (V)
2.0
2.5
3.0
4.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com