Electronic Components Datasheet Search
  English  ▼

X  

ML6554 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6554
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6554 Datasheet HTML 1Page - Micro Linear Corporation ML6554 Datasheet HTML 2Page - Micro Linear Corporation ML6554 Datasheet HTML 3Page - Micro Linear Corporation ML6554 Datasheet HTML 4Page - Micro Linear Corporation ML6554 Datasheet HTML 5Page - Micro Linear Corporation ML6554 Datasheet HTML 6Page - Micro Linear Corporation ML6554 Datasheet HTML 7Page - Micro Linear Corporation ML6554 Datasheet HTML 8Page - Micro Linear Corporation ML6554 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 1999
PRELIMINARY
ML6554
3A Bus Termination Regulator
1
GENERAL DESCRIPTION
The ML6554 switching regulator is designed to convert
voltage supplies ranging from 2.3V to 4V into a desired
output voltage or termination voltage for various
applications. The ML6554 can be implemented to
produce regulated output voltages in two different modes.
In the default mode, when the VREF pin is open, the
ML6554 output voltage is 50% of the voltage applied to
VCCQ. The ML6554 can also be used to produce various
user-defined voltages by forcing a voltage on the VREFIN
pin. In this case, the output voltage follows the input
VREFIN voltage. The switching regulator is capable of
sourcing or sinking up to 3A of current while regulating an
output VTT voltage to within 3% or less.
The ML6554, used in conjunction with series termination
resistors, provides an excellent voltage source for active
termination schemes of high speed transmission lines as
those seen in high speed memory buses and distributed
backplane designs. The voltage output of the regulator
can be used as a termination voltage for other bus
interface standards such as SSTL, CMOS, Rambus™,
GTL+, VME, LV-CMOS, LV-TTL, and PECL.
BLOCK DIAGRAM
FEATURES
s
Power SOP package
s
Can source and sink up to 3A, no heat sink required
s
Integrated Power MOSFETs
s
Generates termination voltages for SSTL-2 SDRAM,
SGRAM, or equivalent memories
s
Generates termination voltages for active termination
schemes for GTL+, Rambus, VME, LV-TTL, PECL and
other high speed logic
s
VREF input available for external voltage divider
s
Separate voltages for VCCQ and PVDD
s
Buffered VREF output
s
VOUT of ±3% or less at 3A
s
Minimum external components
s
Shutdown for standby or suspend mode operation
s
Thermal Shutdown
» 130ºC
FEATURING
POWER SOP
High-Performance
Thermal Dissipation
Package
VL2
AGND
13
VREFIN
VREFOUT
11
6
VDD
1
SHDN
12
PVDD2
PVDD1
7
VL1
3
+
–
–
+
AVCC
VCCQ
15
OSCILLATOR/
RAMP
GENERATOR
S
R
Q
Q
(VOUT)
(VOUT)
PGND1
DGND
VFB
PGND2
2
4
5
8
VDD
9
14
10
VREF BUFFER
ERROR AMP
RAMP
COMPARATOR
+
–
16
200k
Ω
200k
Ω


Similar Part No. - ML6554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML65541 MICRO-LINEAR-ML65541 Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
ML65541CK MICRO-LINEAR-ML65541CK Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
ML65541CS MICRO-LINEAR-ML65541CS Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
logo
Fairchild Semiconductor
ML6554CU FAIRCHILD-ML6554CU Datasheet
386Kb / 14P
3A Bus Termination Regulator
More results

Similar Description - ML6554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
List of Unclassifed Man...
HPL5331 ETC1-HPL5331 Datasheet
260Kb / 20P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com