Electronic Components Datasheet Search
  English  ▼

X  

ML6554 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6554
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6554 Datasheet HTML 6Page - Micro Linear Corporation ML6554 Datasheet HTML 7Page - Micro Linear Corporation ML6554 Datasheet HTML 8Page - Micro Linear Corporation ML6554 Datasheet HTML 9Page - Micro Linear Corporation ML6554 Datasheet HTML 10Page - Micro Linear Corporation ML6554 Datasheet HTML 11Page - Micro Linear Corporation ML6554 Datasheet HTML 12Page - Micro Linear Corporation ML6554 Datasheet HTML 13Page - Micro Linear Corporation ML6554 Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ML6554
11
NOVEMBER, 1999
Figure 10. Graphical Results Summary – 1S2P Test Board
POWER (W)
NATURAL CONVECTION
ΘJA TEST RESULTS
1.27mm PITCH PowerSOP™ 2
SLUG SOLDERED
FORCED CONVECTION
ΘJA TEST RESULTS
1.27mm PITCH PowerSOP™ 2
SLUG SOLDERED
60
40
20
0
0.2
1.0
1.4
1.8
0.6
0.4
1.2
1.6
2.0
0.8
0.0
60
40
20
0
AIR VELOCITY (LFPM)
0
200
300
500
400
100
16Ld PSOP2
2.3x3.1mm PAD
1.9mm DIE
16Ld PSOP2
2.3x3.1mm PAD
1.9mm DIE @ 0.8 WATTS
Figure 11. Test Board Layout for
QJA vs. Airflow
DRAWING NUMBER
ENG-CB-1007 REV A
Applicable Jedec Spec
JC 51-X (Note 1)
(Sroposed Spec)
Substrate Material
FR-4
Dimensions (LxW) (Overall)
114.3 x 76.2mm
Dimensions (LxW) (Metallization)
55 x 65mm
Dimensions (LxW) (Inner Planes)
73 x 73mm
Thickness
1.6 mm
Pitch
1.27mm
Stackup (# Signal Layers, # Cu Planes)
1S2P
Cu Trace Coverage (Signal Layer)
12%
Cu Coverage (Internal Layer)
100%
Trace Width (Spec/Measured)
235.5±25.5/288µm
Trace Cu Thickness (Spec/Measured)
70±14/67µm
Inner Cu Thickness (Spec/Measured)
35±3.5/31µm
Build #
C1797
Note 1: Proposed Spec "Thermal Test Board with Two Internal Solid Copper Planes for leaded Surface Mount Packages".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com