Electronic Components Datasheet Search
  English  ▼

X  

LMZ12002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12002
Description  2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMZ12002 Datasheet HTML 9Page - Texas Instruments LMZ12002 Datasheet HTML 10Page - Texas Instruments LMZ12002 Datasheet HTML 11Page - Texas Instruments LMZ12002 Datasheet HTML 12Page - Texas Instruments LMZ12002 Datasheet HTML 13Page - Texas Instruments LMZ12002 Datasheet HTML 14Page - Texas Instruments LMZ12002 Datasheet HTML 15Page - Texas Instruments LMZ12002 Datasheet HTML 16Page - Texas Instruments LMZ12002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ENABLE
1 ms/Div
OUTPUT
CURRENT
OUTPUT
VOLTAGE
2V PRE-BIAS
3.3V OUTPUT
2.0V/div
1.0A/Div
1.0V/Div
LMZ12002
www.ti.com
SNVS650H – JANUARY 2010 – REVISED AUGUST 2015
Feature Description (continued)
7.3.4 Thermal Protection
The junction temperature of the LMZ12002 must not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165°C (typical) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VO to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 145 °C (typical hysteresis = 20°C)
the SS pin is released, VO rises smoothly, and normal operation resumes.
Applications requiring maximum output current especially those at high input voltage may require application
derating at elevated temperatures.
7.3.5 Zero Coil Current Detection
The current of the lower (synchronous) MOSFET is monitored by a zero coil current detection circuit which
inhibits the synchronous MOSFET when its current reaches zero until the next ON-time. This circuit enables the
DCM operating mode, which improves efficiency at light loads.
7.3.6 Prebiased Start-Up
The LMZ12002 will properly start up into a prebiased output. This startup situation is common in multiple rail
logic applications where current paths may exist between different power rails during the start-up sequence. The
following scope capture shows proper behavior during this event.
Figure 33. Prebiased Start-Up
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM the
switching cycle begins at zero amps inductor current; increases up to a peak value, and then recedes back to
zero before the end of the OFF-time. Note that during the period of time that inductor current is zero, all load
current is supplied by the output capacitor. The next ON-time period starts when the voltage on the at the FB pin
falls below the internal reference. The switching frequency is lower in DCM and varies more with load current as
compared to CCM. Conversion efficiency in DCM is maintained because conduction and switching losses are
reduced with the smaller load and lower switching frequency.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ12002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com