Electronic Components Datasheet Search
  English  ▼

X  

LMZ12002 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12002
Description  2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ12002 Datasheet HTML 17Page - Texas Instruments LMZ12002 Datasheet HTML 18Page - Texas Instruments LMZ12002 Datasheet HTML 19Page - Texas Instruments LMZ12002 Datasheet HTML 20Page - Texas Instruments LMZ12002 Datasheet HTML 21Page - Texas Instruments LMZ12002 Datasheet HTML 22Page - Texas Instruments LMZ12002 Datasheet HTML 23Page - Texas Instruments LMZ12002 Datasheet HTML 24Page - Texas Instruments LMZ12002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
1
2
3
4
5
6
7
Top View
VIN
COUT
VOUT
RENT
RON
CSS
GND
Thermal Vias
CIN
GND
RENB
CFF
RFBT
RFBB
GND Plane
EPAD
VIN
GND
VIN
VO
Cin1
CO1
Loop 1
Loop 2
LMZ12002
VOUT
High
di/dt
LMZ12002
www.ti.com
SNVS650H – JANUARY 2010 – REVISED AUGUST 2015
10.2 Layout Examples
Figure 40. Critical Current Loops to Minimize
Figure 41. PCB Layout Guide
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ12002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com