Electronic Components Datasheet Search
  English  ▼

X  

LMZ12002 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12002
Description  2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ12002 Datasheet HTML 13Page - Texas Instruments LMZ12002 Datasheet HTML 14Page - Texas Instruments LMZ12002 Datasheet HTML 15Page - Texas Instruments LMZ12002 Datasheet HTML 16Page - Texas Instruments LMZ12002 Datasheet HTML 17Page - Texas Instruments LMZ12002 Datasheet HTML 18Page - Texas Instruments LMZ12002 Datasheet HTML 19Page - Texas Instruments LMZ12002 Datasheet HTML 20Page - Texas Instruments LMZ12002 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LMZ12002
www.ti.com
SNVS650H – JANUARY 2010 – REVISED AUGUST 2015
8.2.2.5 CIN Selection
The LMZ12002 module contains an internal 0.47-µF input ceramic capacitor. Additional input capacitance is
required external to the module to handle the input ripple current of the application. This input capacitance must
be located in very close proximity to the module. Input capacitor selection is generally directed to satisfy the input
ripple current requirements rather than by capacitance value. Worst case input ripple current rating is dictated by
Equation 8:
I(CIN(RMS)) ≊ 1 /2 × IO × √ (D / 1-D)
where
•
D
≊ VO / VIN
(8)
As a point of reference, the worst case ripple current will occur when the module is presented with full load
current and when VIN = 2 × VO.
Recommended minimum input capacitance is 10-µF X7R ceramic with a voltage rating at least 25% higher than
the maximum applied input voltage for the application. TI recommends to pay attention to the voltage and
temperature deratings of the capacitor selected.
NOTE
Ripple current rating of ceramic capacitors may be missing from the capacitor data sheet
and you may have to contact the capacitor manufacturer for this rating.
If the system design requires a certain minimum value of input ripple voltage
ΔVIN be maintained then Equation 9
may be used.
CIN ≥ IO × D × (1–D) / fSW-CCM × ΔVIN
(9)
If
ΔVIN is 1% of VIN for a 20-V input to 3.3-V output application this equals 200 mV and fSW = 400 kHz.
CIN≥ 2A × 3.3 V / 20 V × (1 – 3.3 V / 20 V) / (400000 × 0.200 V)
≥ 3.4μF
Additional bulk capacitance with higher ESR may be required to damp any resonant effects of the input
capacitance and parasitic inductance of the incoming supply lines.
8.2.2.6 RON Resistor Selection
Many designs will begin with a desired switching frequency in mind. For that purpose Equation 10 can be used.
fSW(CCM) ≊ VO / (1.3 × 10
-10 × R
ON)
(10)
This can be rearranged as
RON ≊ VO / (1.3 × 10
-10 × f
SW(CCM)
(11)
The selection of RON and fSW(CCM) must be confined by limitations in the ON-time and OFF-time for the COT
Control Circuit Overview section.
The ON-time of the LMZ12002 timer is determined by the resistor RON and the input voltage VIN. It is calculated
as follows:
tON = (1.3 × 10
-10 × R
ON) / VIN
(12)
The inverse relationship of tON and VIN gives a nearly constant switching frequency as VIN is varied. RON must be
selected such that the on-time at maximum VIN is greater than 150 ns. The on-timer has a limiter to ensure a
minimum of 150 ns for tON. This limits the maximum operating frequency, which is governed by Equation 13:
fSW(MAX) = VO / (VIN(MAX) × 150 ns)
(13)
This equation can be used to select RON if a certain operating frequency is desired so long as the minimum ON-
time of 150 ns is observed. The limit for RON can be calculated as follows:
RON ≥ VIN(MAX) × 150 ns / (1.3 × 10
-10)
(14)
If RON calculated in Equation 11 is less than the minimum value determined in Equation 14 a lower frequency
must be selected. Alternatively, VIN(MAX) can also be limited in order to keep the frequency unchanged.
Additionally, consider the minimum OFF-time of 260 ns limits the maximum duty ratio. Larger RON (lower FSW)
must be selected in any application requiring large duty ratio.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ12002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com