Electronic Components Datasheet Search
  English  ▼

X  

ML6691 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6691
Description  100BASE-T MII-to-PMD Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6691 Datasheet HTML 2Page - Micro Linear Corporation ML6691 Datasheet HTML 3Page - Micro Linear Corporation ML6691 Datasheet HTML 4Page - Micro Linear Corporation ML6691 Datasheet HTML 5Page - Micro Linear Corporation ML6691 Datasheet HTML 6Page - Micro Linear Corporation ML6691 Datasheet HTML 7Page - Micro Linear Corporation ML6691 Datasheet HTML 8Page - Micro Linear Corporation ML6691 Datasheet HTML 9Page - Micro Linear Corporation ML6691 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML6691
6
FUNCTIONAL DESCRIPTION
To describe the function of the ML6691, the device is
separated into three sections, the Transmit Section, the
Receive Section, and the Management section. Each
section is discussed below.
TRANSMIT SECTION
The transmit section is responsible for converting transmit
nibble data on the MII lines from the MAC into encoded
and ciphered transmit symbols, as shown in Figure 1. The
nibble input register samples the transmit nibble data on
the MII lines and passes the nibble data onto the encoder.
The encoder then converts the data to 4B/5B code (see
Table 1) under the direction of the state machine. The
state machine detects the leading edges of transmit enable
and impresses the start of frame delimiter — the JK pair —
ignoring the TXD<3:0> during these two symbol times. If,
while transmit enable is asserted, the transmit error is
asserted, the H symbol will be impressed except during
the time the JK pair is emitted. Following the trailing edge
of transmit enable, the end of frame delimiter — the TR
pair — is generated, after which the IDLE symbol is
generated to fill the space between frames. The encoded
data is then enciphered by performing a XOR with the
output of the cipher register.
The cipher register is a linear feedback shift register which
generates the cipher bit stream which is used to scramble
the transmit symbol data. The Boolean algebra expression
is listed below.
TCFR11 = TCFR6
TCFR10 = TCFR5
TCFR9 = TCFR4
TCFR8 = TCFR3
TCFR7 = TCFR2
TCFR6 = NOT (TCFR11 OR TCFR10 OR TCFR9 OR
TCFR8 OR TCFR7 OR TCFR6 OR TCFR5 OR
TCFR4 OR TCFR3 OR TCFR2) OR TCFR1
TCFR5 = TCFR11 XOR TCFR9
TCFR4 = TCFR10 XOR TCFR8
TCFR3 = TCFR9 XOR TCFR7
TCFR2 = TCFR8 XOR TCFR6
TCFR1 = TCFR7 XOR TCFR5
The enciphered data are then passed to the symbol output
register which drives the generated symbol data out to the
PMD transceiver.
Collision detect is implemented by noting the occurrence
of reception during transmission. A linkfail indication at
any time causes an immediate transition to the IDLE state
and supersedes any other transmit operation.
Figure 1. Transmit Section Block Diagram
HEX/4B
SYMBOL/5B
HEX/4B
SYMBOL/5B
0000
11110
J
11000
0001
01001
K
10001
0010
10100
T
01101
0011
10101
R
00111
0100
01010
H
00100
0101
01011
IDLE
11111
0110
01110
0111
01111
1000
10010
1001
10011
1010
10110
1011
10111
1100
11010
1101
11011
1110
11100
1111
11101
Table 1. 4B/5B Encoding Table
TRANSMIT
ERROR
(TXER)
LINK
FAIL
TRANSMIT
STATE MACHINE
ENCODER/
ENCIPHER
SYMBOL OUTPUT
REGISTER
CARRIER AND
COLLISION
DETECT
NIBBLE INPUT
REGISTER
CIPHER
REGISTER
TRANSMIT NIBBLE
CLOCK
(TXCLK)
TRANSMIT
ENABLE
(TXEN)
TRANSMIT SYMBOL CLOCK
(TXC)
TRANSMIT NIBBLE DATA
(TXD[3:0])
TRANSMIT SYMBOL DATA
(TSM[4:0])
RECEIVING
TRANSMITTING
COLLISION
(COL)
CARRIER SENSE
(CRS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com