Electronic Components Datasheet Search
  English  ▼

X  

ML6691 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6691
Description  100BASE-T MII-to-PMD Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML6691 Datasheet HTML 2Page - Micro Linear Corporation ML6691 Datasheet HTML 3Page - Micro Linear Corporation ML6691 Datasheet HTML 4Page - Micro Linear Corporation ML6691 Datasheet HTML 5Page - Micro Linear Corporation ML6691 Datasheet HTML 6Page - Micro Linear Corporation ML6691 Datasheet HTML 7Page - Micro Linear Corporation ML6691 Datasheet HTML 8Page - Micro Linear Corporation ML6691 Datasheet HTML 9Page - Micro Linear Corporation ML6691 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ML6691
9
Reset: By setting this bit to a logic one, the Control register
will be reset to its default values. This bit self-clears upon
completion of the reset operation.
Loopback: By setting this bit to a logic one, the LPBK pin
will be held at a logic low. The COL signal will remain
low at all times, unless bit 7 is set, in which case the COL
signal shall behave as described.
Speed Selection: This bit is read-only and set at a logic
one by default.
Power Down: By setting this bit to a logic one, the
oscillator and all the MII input buffers except for MDIO
and MDC will be shut down.
Isolate: By setting this bit a logic one, the ML6691 can be
electrically isolated from the MII. In the isolation mode,
the input TXEN will be ignored and TXD[3:0] and TXER
shall not have any effect on the transmit section. All the
output buffers connected to the MII will be tri-stated. The
default state of this bit is determined by the LOCAL pin.
Duplex Mode: ML6691 will operate in Full Duplex mode
when this bit is set to a logic one. The COL signal will
remain low unless bit 7 is set.
Collision Test: By setting this bit to a logic one, the COL
signal will be asserted in response to the assertion of
TXEN, and will continue to assert the COL signal until
TXEN is deasserted.
STATUS REGISTER
Table 3 shows the applicable portions of the Status register
that are implemented in the ML6691. Bits 15, 12-3, 1, and
0 are read-only and have default values of logic low.
100BASE-TX Full Duplex
ML6691 can perform full duplex link transmission and
reception using the 100BASE-TX signaling specification.
This bit is always read as a logic one.
100BASE-TX Half Duplex
ML6691 can perform half duplex link transmission and
reception using the 100BASE-TX signaling specification.
This bit is always read as a logic one.
Link Status
When read as a logic one, this bit indicates that a valid
link has been established. The link status bit is
implemented with a latching function, such that the
occurrence of a link failure condition will cause the link
status bit to become cleared and remain cleared until it is
read via the management interface.
STATUS REGISTER
BIT
NAME
DESCRIPTION
R/W
14
100Base-TX
1 = able to perform full duplex
R/O
Full Duplex
0 = not able to perform full duplex
13
100Base-TX
1 = able to perform full duplex
R/O
Half Duplex
0 = not able to perform full duplex
2
Link Status
1 = link is up
R/O
0 = link is down
LL
NOTE:
R/O = Read Only,
LL = Latching Low
Table 3. Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com