Electronic Components Datasheet Search
  English  ▼

X  

ML6691 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6691
Description  100BASE-T MII-to-PMD Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6691 Datasheet HTML 1Page - Micro Linear Corporation ML6691 Datasheet HTML 2Page - Micro Linear Corporation ML6691 Datasheet HTML 3Page - Micro Linear Corporation ML6691 Datasheet HTML 4Page - Micro Linear Corporation ML6691 Datasheet HTML 5Page - Micro Linear Corporation ML6691 Datasheet HTML 6Page - Micro Linear Corporation ML6691 Datasheet HTML 7Page - Micro Linear Corporation ML6691 Datasheet HTML 8Page - Micro Linear Corporation ML6691 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
March 1997
ML6691
*
100BASE-T MII-to-PMD Transceiver
FEATURES
s
Conforms to the Fast Ethernet 100BASE-T
IEEE 802.3
µ standard
s
Integrated 4B/5B encoder/decoder
s
Integrated Stream Cipher scrambler/descrambler
s
Compliant MII interface
s
Two-wire serial interface management port for
configuration and control
s
On-chip 25 MHz crystal oscillator
s
Interfaces to either AMD’s PDT/PDR (AM79865/79866)
or Motorola’s FCG (MC68836)
s
Used with ML6673 for 100BASE-TX solutions
s
44-pin PLCC package
GENERAL DESCRIPTION
The ML6691 implements the upper portion of the physical
layer for the Fast Ethernet 100BASE-T standard. Functions
contained in the ML6691 include a 4B/5B encoder/
decoder, a Stream Cipher scrambler/descrambler, and
collision detect. Additional functions of the ML6691 —
accessible through the two-wire MII management
interface — include full duplex operation, loopback,
power down mode, and MII isolation.
The ML6691 is designed to interface to a 100BASE-T
Ethernet Media Access Controller (MAC) via the MII
(Media Independent Interface) on one side, and a
100BASE-X PMD transceiver on the other side. A
complete 100BASE-TX physical layer (PHY) solution is
realized using the ML6691, the ML6673, and one of the
available clock recovery/generation devices. A 100BASE-
FX physical layer solution is implemented by disabling the
scrambler function of the ML6691 and using an external
* This Part Is End Of Life As Of August 1, 2000
optical PMD.
BLOCK DIAGRAM
OSC
NIBBLE
INPUT
REGISTER
4B/5B
ENCODER
STREAM
CIPHER
SCRAMBLER
SYMBOL
OUTPUT
REGISTER
TRANSMIT
STATE
MACHINE
COLLISION
DETECTION
RECEIVE
STATE
MACHINE
NIBBLE
OUTPUT
REGISTER
5B/4B
DECODER
SYMBOL
ALIGNER
STREAM
CIPHER
DESCRAMBLER
SYMBOL
INPUT
REGISTER
MANAGEMENT SECTION
CONTROL
STATUS
ISOLATE
FULLDUP
COLTST
LPBK
LINK FAILED
LOCAL
AD4...AD0
RST
MDIO
MDC
RXCLK
RXD3
RXD0
...
RXER
RXDV
CRS
COL
TXER
TXEN
TXCLK
TXD3
TXD0
...
TXC
VCC
GND
TSM4
TSM0
...
SD
DCFR
RXC
RSM4
RSM0
...
LPBK
CS


Similar Part No. - ML6691

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
ML6694CH MICRO-LINEAR-ML6694CH Datasheet
177Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
More results

Similar Description - ML6691

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
100BASE-TX Physical Layer with MII
logo
Cirrus Logic
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
logo
Source Photonics, Inc.
FTM-C001R-LG SOURCE-FTM-C001R-LG Datasheet
240Kb / 8P
100BASE-T Copper SFP Transceiver
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com