Electronic Components Datasheet Search
  English  ▼

X  

ML6696 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6696
Description  100BASE-X Fiber Physical Layer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6696 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6696 Datasheet HTML 1Page - Micro Linear Corporation ML6696 Datasheet HTML 2Page - Micro Linear Corporation ML6696 Datasheet HTML 3Page - Micro Linear Corporation ML6696 Datasheet HTML 4Page - Micro Linear Corporation ML6696 Datasheet HTML 5Page - Micro Linear Corporation ML6696 Datasheet HTML 6Page - Micro Linear Corporation ML6696 Datasheet HTML 7Page - Micro Linear Corporation ML6696 Datasheet HTML 8Page - Micro Linear Corporation ML6696 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ML6696
3
PIN DESCRIPTION (Pin Number in Parentheses is for PLCC Version)
PIN
NAME
FUNCTION
1 (9)
TXCLK
Transmit clock TTL output. This
25MHz clock is phase-aligned
with the internal 125MHz TX bit
clock. Data appearing at
TXD<3:0> are clocked into the
ML6696 on the rising edge of this
clock.
2 (10)
RXD3
Receive data TTL output. Output
is valid on RXCLK’s rising edge.
3, 4,
5, (11) DGND1
Digital ground
6 (12)
RXD2
Receive data TTL output. Output
is valid on RXCLK’s rising edge.
7 (13)
DVCC1
Digital positive power supply
8 (14)
RXD1
Receive data TTL output. Output
is valid on RXCLK’s rising edge.
9, 10,
11 (15) DGND2
Digital ground
12 (16) RXD0
Receive data TTL output. Output
is valid on RXCLK’s rising edge.
13 (17) RXCLK
Recovered receive clock TTL
output. This 25MHz clock is
phase-aligned with the internal
125MHz bit clock recovered from
the signal received at VIN+/-.
Receive data are clocked out at
RXD<3:0> on the falling edges of
this clock, and should be sampled
on rising edges. RXCLK is phase-
aligned to CLKREF in the absence
of a 100BASE-FX signal at VIN+/–.
14 (18) CRS
Carrier Sense TTL output. CRS
goes high in the presence of non-
idle signals at VIN+/-, or when the
ML6696 is transmitting. CRS goes
low when there is no transmit
activity and receive is idle. In
repeater or full-duplex mode, CRS
goes high in the presence of non-
idle signals at VIN+/– only.
15 (19) COL
Collision Detected TTL output.
COL goes high upon detection of
a collision on the network, and
remains high as long as the
collision condition persists. COL is
low when the ML6696 operates in
full-duplex, repeater, or loopback
modes.
PIN
NAME
FUNCTION
16, 17
(20)
DGND3
Digital ground
18 (21) RXDV
Receive data valid TTL output.
This output is high when the
ML6696 is receiving a data
packet. RXDV is valid on RXCLK’s
rising edge.
19 (22) DVCC2
Digital positive power supply
20 (23) RXER
Receive error TTL output. This
output goes high to indicate error
or invalid symbols within a
packet, or corrupted idle between
packets. RXER is valid on RXCLK’s
rising edge.
21 (24) MDC
MII Serial Management Interface
clock TTL input. A clock at this
pin clocks serial data into or out
of the ML6696’s MII management
registers through the MDIO pin.
The maximum clock frequency at
MDC is 2.5MHz.
22 (25) MDIO
MII Serial Management Interface
data TTL input/output. Serial data
are written to and read from the
management registers through this
I/O pin. Input data is sampled on
the rising edge of MDC. Output
data is valid on MDC's rising edge
23 (26) DGND4
Digital ground
24 (27) DVCC5
Digital positive power supply
25, 26
(28)
DGND5
Digital ground
27, 28
(29, 30) NC
No connect
29 (31) CAPDC
Data quantizer offset-correction
loop, offset-storage capacitor input
pin. The capacitor tied between
this pin and AVCC stores the
amplified data quantizer offset
voltage and also sets the dominant
pole in the offset-correction loop.
A 0.1µF surface mount is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com