Electronic Components Datasheet Search
  English  ▼

X  

ML6696 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6696
Description  100BASE-X Fiber Physical Layer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6696 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6696 Datasheet HTML 1Page - Micro Linear Corporation ML6696 Datasheet HTML 2Page - Micro Linear Corporation ML6696 Datasheet HTML 3Page - Micro Linear Corporation ML6696 Datasheet HTML 4Page - Micro Linear Corporation ML6696 Datasheet HTML 5Page - Micro Linear Corporation ML6696 Datasheet HTML 6Page - Micro Linear Corporation ML6696 Datasheet HTML 7Page - Micro Linear Corporation ML6696 Datasheet HTML 8Page - Micro Linear Corporation ML6696 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 1998
ML6696*
100BASE-X Fiber Physical Layer
1
GENERAL DESCRIPTION
The ML6696 implements the complete physical layer of
the Fast Ethernet 100BASE-X standard for fiber media. The
device provides the MII (Media Independent Interface) for
interface to upper-layer silicon. The ML6696 integrates the
data quantizer and the LED driver, allowing the use of
low cost optical PMD components.
The ML6696 includes 4B/5B encoder/decoder, 125MHz
clock recovery/clock generation, LED driver, and a data
quantizer. The device also offers a power down mode
which results in total power consumption of less than 20mA.
The ML6696 is suitable for the current 100BASE-FX IEEE
803.2u standard defined using 1300nm optics, as well as
for the
proposed 100BASE-SX standard defined using lower
cost 820nm optics
BLOCK DIAGRAM
FEATURES
s
100BASE-FX physical layer with MII
s
Optimal 100BASE-SX solution (draft standard)
s
Integrated data quantizer (post-amplifier)
s
Integrated LED driver
s
125MHz clock generation and recovery
s
4B/5B encoding/decoding
s
Power-down mode
* Some Packages Are Obsolete
TXCLK
TXER
CLKREF
TXEN
TXD3
TXD2
TXD1
TXD0
RXCLK
RXER
RXDV
RXD3
RXD2
RXD1
RXD0
VIN–
LINK100
VIN+
MDC
MDIO
COL
CRS
PCS
TRANSMIT
STATE
MACHINE
AND
4B/5B ENCODER
PCS
RECEIVE
STATE
MACHINE
AND
4B/5B DECODER
SERIALIZER
NRZ TO NRZI
ENCODER
DESERIALIZER
CLOCK & DATA
RECOVERY
NRZI TO NRZ
ENCODER
CLOCK
SYNTHESIZER
MII SERIAL
MANAGEMENT
INTERFACE
CARRIER & COLLISION
LOGIC
IOUT
IOUT
RTSET
ECLK
EDIN
EDOUT
CAPDC
CAPB
DATA QUANTIZER
(POST AMPLIFIER)
LED
DRIVER
INITIALIZATION
INTERFACE


Similar Part No. - ML6696

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6691CQ MICRO-LINEAR-ML6691CQ Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
More results

Similar Description - ML6696

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6695 MICRO-LINEAR-ML6695 Datasheet
216Kb / 8P
100BASE-X Fiber Physical Layer With 5-bit Interface
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
100BASE-TX Physical Layer with MII
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com