Electronic Components Datasheet Search
  English  ▼

X  

ML6696 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6696
Description  100BASE-X Fiber Physical Layer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6696 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6696 Datasheet HTML 1Page - Micro Linear Corporation ML6696 Datasheet HTML 2Page - Micro Linear Corporation ML6696 Datasheet HTML 3Page - Micro Linear Corporation ML6696 Datasheet HTML 4Page - Micro Linear Corporation ML6696 Datasheet HTML 5Page - Micro Linear Corporation ML6696 Datasheet HTML 6Page - Micro Linear Corporation ML6696 Datasheet HTML 7Page - Micro Linear Corporation ML6696 Datasheet HTML 8Page - Micro Linear Corporation ML6696 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ML6696
4
PIN DESCRIPTION (Pin Number in Parentheses is for PLCC Version) (Continued)
PIN
NAME
FUNCTION
30 (32) CAPB
Data quantizer input bias bypass
capacitor input. The capacitor tied
between this pin and AVCC filters
the quantizer’s internal input bias
reference. A 0.1µF surface-mount
capacitor is recommended.
31, 32
(33)
AGND4B
Analog ground
33 (34) VIN–
Receive quantizer negative input.
This input should be tied to
AVCCQ through an AC coupling
capacitor. (0.01µF recommended)
34 (35) VIN+
Receive quantizer positive input.
This input receives 100BASE-FX
signals from the network optical
receiver through an AC coupling
capacitor. (0.01µF recommended).
35, 36
(36, 37) AVCC4B
Analog positive power supply
37 (38) LINK100
100BASE-FX link activity open-
drain output. LINK100 pulls low
when there is 100BASE-FX activity
at VIN+/–. This output is capable
of sinking sufficient current to
directly drive a status LED in
series with a current limiting
resistor.
38 (39) AGND4A
Analog ground
39 (40) AVCC4A
Analog positive power supply
40 (41) AVCC3B
Analog positive power supply
41 (42) AVCC3A
Analog positive power supply
42 (43) RTSET
Transmit level bias resistor. For
100BASE-FX, an external 2.32k
W,
1% resistor connected between
RTSET and AGND3 sets a
precision constant bias current
that gives a nominal output "on"
current of 75mA at IOUT.
43, 44
(44)
AGND3
Analog ground
45, 46
(45)
IOUT
Transmit LED output. This pin
connects through an external 15
W
resistor to AVCC when the part is
used to drive a network LED.
PIN
NAME
FUNCTION
47, 48
(46)
IOUT
Transmit LED output. This open-
collector current output drives
NRZI waveforms into a network
LED.
49, 50,
51 (47) AGND2
Analog ground
52 (48) AVCC2
Analog positive power supply
53 (49) EDOUT
Initialization Interface data out
CMOS input. With EDIN low at
power up, EDOUT has no
function. With EDIN floating at
power up, EDOUT is the serial
data input for configuration data
from an EEPROM. With EDIN high
at power up, EDOUT is the input
for configuration data from an
external microcontroller. (Table 1)
54 (50) ECLK
Initialization Interface clock
CMOS input/output. With EDIN
low at power up, ECLK is inactive.
With EDIN floating at power up,
ECLK is the ML6696’s clock
output for timing the configuration
data from an external EEPROM.
With EDIN high at power up,
ECLK is the clock input for timing
configuration data from an
external microcontroller. (Table 1)
55 (51) EDIN
Initialization Interface mode
select and EEPROM interface data
in CMOS input/output. EDIN
selects one of three possible
interface modes at power up. See
the Initialization Interface section
for more information. (Table 1)
56 (52) AVCC1
Analog positive power supply
57 (1)
CLKREF
Transmit clock TTL input. This
25MHz clock is the frequency
reference for the internal TX PLL
clock synthesizer and logic. This
pin should be driven by an
external 25MHz clock at TTL
levels.
58 (2)
AGND1
Analog ground
59 (3)
TXD3
Transmit dataTTL input. TXD<3:0>
inputs accept TX data symbols from
the MII. Data appearing at TXD<3:0>
are clocked into the ML6696 on the
rising edge of TXCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com