Electronic Components Datasheet Search
  English  ▼

X  

AS0260CSSC28SUD20 Datasheet(PDF) 50 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 46Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 47Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 48Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 49Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 50Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
50
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
The CamControl and UVC Control interfaces will be coherent (where applicable) on
completion of a 'Refresh' command. If a UVC variable's coherency is not applicable this
will be stated in the variable's description.
No Multivariable Atomic Changes All UVC control variable changes will be indepen-
dent - there is no mechanism to 'group' a set of changes to variables together (as in the
'Refresh' command for the CamControl variables). If multiple UVC control variables are
changed, there is no guarantee that all changes will occur on the same frame.
Indeterminate Change Latency The latency from when a UVC variable is changed, to
when the change takes effect, is indeterminate, and is dependent on where within the
frame the UVC change is made. The worse-case latency is two frames. The AS0260
implements the 'Wait For Event' command to allow the host to synchronize to the
AS0260 frame timing, and to be sure that a UVC change has been applied.
UVC Control Interface
The following subsections detail the variables exposed by the UVC page. Each variable is
documented in its own subsection, including its valid range and default value.
Note:
The default value of most UVC control variables is dependent upon the underlying
CamControl interface configuration, which is determined by the host at start-up.
All UVC control variables must indicate whether a change was accepted via the
UVC_RESULT_STATUS variable (R0xCC24 or VAR(0x13,0x0024)). This variable is
provided for diagnostic purposes only, to help track down why changes to UVC variables
are being ignored. It does not form part of the UVC 1.1 standard.
Whenever a change is made to a UVC variable, the firmware will process the change and
indicate the result of the change in UVC_RESULT_STATUS. Typically, a value of ENOERR
will indicate the change was accepted. Any other value indicates the change was
rejected. Table 1 shows the result status codes and their typical interpretations. Where
the typical interpretation does not match Table 1, this will be indicated within the indi-
vidual UVC variable documentation.
The host must be aware that UVC_RESULT_STATUS will always indicate the result of the
last-changed UVC variable; the previous value of UVC_RESULT_STATUS will be over-
written by each subsequent change. If the host simultaneously modifies multiple UVC
variables during the same frame, UVC_RESULT_STATUS will only indicate ENOERR if all
changes were accepted. If any change is rejected, there is no mechanism for the host to
determine which change it was. It is therefore strongly recommended that during devel-
opment, the host only modify one UVC variable per-frame.
Table 14:
UVC_Result_Status Codes
Value
Mnemonic
Typical Interpretation (each variable may re-interpret)
0x00
ENOERR
No error - change was accepted and acted upon
0x08
EACCES
Permission denied
0x09
EBUSY
Entity busy, cannot support operation
0x0C
EINVAL
Invalid argument
0x0E
ERANGE
Parameter out-of-range
0x0F
ENOSYS
Operation not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com