| Electronic Components Datasheet Search |
|
AS0260CSSC28SUD20 Datasheet(PDF) 58 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260CSSC28SUD20 Datasheet(HTML) 58 Page - ON Semiconductor |
|
58 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 58 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Gamma Control Controls the amount of gamma correction applied by the AS0260 The gamma control adjusts the amount of gamma correction applied by the SOC. The value of the control is expressed in units multiplied by 100. Note that the gamma value represents the 'display' gamma - this is the gamma of the final display terminal. The AS0260 applies the reciprocal of the display gamma. Note that the automatic gamma curve calculation as supported by the Camcontrol interface can be disabled. In this event, attempts to change the UVC gamma will be rejected with EACCES. The AS0260 does not maintain coherency between UVC_GAMMA_CONTROL and the Camcontrol variable equivalent. Issue a Refresh command to force coherency. White Balance Temperature Control Controls the white balance temperature adjustment applied by the AS0260 (when auto- white-balance is disabled) The white balance temperature control sets the white-balance temperature applied by the AS0260 when the auto-white-balance (AWB) algorithm is disabled. Attempts to set this control when AWB is enabled will be rejected with EBUSY. The white-balance temperature is used by the AS0260 to calculate the 'ideal' color- correction matrix and to calculate the ratios of red and blue gains to apply to white- balance the scene. When AWB is enabled, the AS0260 calculates the white-balance temperature itself. UVC_WHITE_BALANCE_TEMPERATURE_AUTO_CONTROL is used to disable AWB. The permitted range of color temperatures is dependent upon the current Camcontrol configuration. Attempts to set a color temperature outside this range will be accepted, but clamped to the current minimum or maximum. UVC_RESULT_STATUS will be set to ERANGE to indicate a clamp has occurred. 11 to 7 22 to 7 33 to 7 44 to 7 55 to 7 66 to 7 77 Variable Name Type Default R0xCC16 VAR(0x13,0x0016) UVC_GAMMA_CONTROL UINT16 Dependent upon CAM configuration Variable Name Type Default R0xCC18 VAR(0x13,0x0018) UVC_WHITE_BALANCE_TEMPERATURE_CONTRO L UINT16 Dependent on color temperature when AWB mode is disabled Table 16: UVC Sharpness vs. Adaptive Sharpness Range UVC sharpness setting Adaptive sharpness range |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |