Electronic Components Datasheet Search
  English  ▼

X  

AS0260CSSC28SUD20 Datasheet(PDF) 51 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 47Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 48Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 49Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 50Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
51
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Auto-Exposure Mode
This mode enables or disables the auto-exposure function of the AS0260.
The UVC_AE_MODE_CONTROL variable controls the AS0260 auto-exposure algorithm.
When auto-exposure is enabled, the AS0260 will automatically choose the appropriate
frame interval, exposure time and gain to achieve the desired image brightness.
Image brightness is controlled through the UVC_BRIGHTNESS_CONTROL variable.
When auto-exposure is disabled, the frame interval, exposure time and gain can be
manually controlled through the UVC_FRAME_INTERVAL_CONTROL, UVC_EXPO-
SURE_TIME_ABSOLUTE_CONTROL and UVC_GAIN_CONTROL variables.
A valid setting for this control will only have one bit set (bits 0 to 3) - any other combina-
tion of bits will be rejected with EINVAL; the current setting will not be changed.
When the host switches from auto-exposure mode to manual-exposure mode, the SOC
will update the values of UVC_FRAME_INTERVAL_CONTROL, UVC_EXPOSURE_-
TIME_ABSOLUTE_CONTROL and UVC_GAIN_CONTROL to reflect the current settings
(the previous contents of these variables will be lost).
The range of valid values for this control is chosen to map directly to the UVC 1.1 stan-
dard. UVC combines auto- and manual iris control with auto- and manual exposure
control - therefore there is some duplication within the bits supported. The assumption
is that the USB bridge/ISP device will implement auto/manual iris control where
required; this function is not supported by the AS0260.
Auto-Exposure Priority
Controls the operation of the frame-rate control function of the Auto-Exposure algo-
rithm.
The auto-exposure priority control is only active when auto-exposure is enabled (see
Auto-Exposure Mode). When auto-exposure is disabled, changes to auto-exposure
priority will be rejected with EACCES.
The AS0260 auto-exposure algorithm supports two variable frame-rate modes,
controlled via the CAM_AET_AEMODE[CAM_AET_MODE_DISCRETE_FRAME_RATE]
flag. The variable frame-rate mode selected when UVC_AE_PRIORITY_CONTROL is
VARIABLE_FRAME_RATE depends upon the current CAM_AET_AEMODE setting. The
minimum frame-rate is also controlled by the CamControl variables.
The assumption is that the host will configure the variable frame-rate support at device
start-up, via the CamControl interface. If the configuration is such that variable frame-
rate is disabled, attempts to set UVC_AE_PRIORITY_CONTROL to VARIABLE_-
FRAME_RATE will be rejected with ENOSYS.
Variable
Name
Type
Default
R0xCC00
VAR(0x13,0x0000)
UVC_AE_MODE_CONTROL
BITFIELD8 Dependent upon CAM
configuration
Variable
Name
Type
Default
0xCC02
VAR(0x13,0x0002)
UVC_AE_PRIORITY_CONTROL
UINT8
Dependent upon CAM
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com