Electronic Components Datasheet Search
  English  ▼

X  

KAI-2020 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KAI-2020
Description  Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2020 Datasheet(HTML) 2 Page - ON Semiconductor

  KAI-2020 Datasheet HTML 1Page - ON Semiconductor KAI-2020 Datasheet HTML 2Page - ON Semiconductor KAI-2020 Datasheet HTML 3Page - ON Semiconductor KAI-2020 Datasheet HTML 4Page - ON Semiconductor KAI-2020 Datasheet HTML 5Page - ON Semiconductor KAI-2020 Datasheet HTML 6Page - ON Semiconductor KAI-2020 Datasheet HTML 7Page - ON Semiconductor KAI-2020 Datasheet HTML 8Page - ON Semiconductor KAI-2020 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
KAI−2020
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERING INFORMATION − KAI−2020 IMAGE SENSOR
Part Number
Description
Marking Code
KAI−2020−AAA−CR−BA
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Standard Grade
KAI−2020
Serial Number
KAI−2020−AAA−CR−AE
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Engineering Sample
KAI−2020−AAA−CF−BA
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Quartz Cover Glass (No Coatings), Standard Grade
KAI−2020−AAA−CF−AE
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Quartz Cover Glass (No Coatings), Engineering Sample
KAI−2020−ABA−CD−BA
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Standard Grade
KAI−2020M
Serial Number
KAI−2020−ABA−CD−AE
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Engineering Sample
KAI−2020−ABA−CR−BA
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 sides), Standard Grade
KAI−2020−ABA−CR−AE
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 sides), Engineering Sample
KAI−2020−FBA−CD−BA
Color Gen2 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Standard Grade
KAI−2020−FBA
Serial Number
KAI−2020−FBA−CD−AE
Color Gen2 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Engineering Sample
KAI−2020−FBA−CR−BA
Color Gen2 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Standard Grade
KAI−2020−FBA−CR−AE
Color Gen2 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Engineering Sample
KAI−2020−CBA−CD−BA
(Note 1)
Color Gen1 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Standard Grade
KAI−2020CM
Serial Number
KAI−2020−CBA−CD−AE
(Note 1)
Color Gen1 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Engineering Sample
KAI−2020−CBA−CR−BA
(Note 1)
Color Gen1 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Standard Grade
KAI−2020−CBA−CR−AE
(Note 1)
Color Gen1 (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Engineering Sample
1. Not recommended for new designs.
Table 3. ORDERING INFORMATION − EVALUATION SUPPORT
Part Number
Description
KAI−2020−12−20−A−EVK
Evaluation Board, 12 Bit, 20 MHz (Complete Kit)
KAI−2020−10−40−A−EVK
Evaluation Board, 10 Bit, 40 MHz (Complete Kit)
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention
used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at
www.onsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com