Electronic Components Datasheet Search
  English  ▼

X  

KAI-04022 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-04022
Description  INTERLINE CCD IMAGE SENSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04022 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-04022 Datasheet HTML 1Page - ON Semiconductor KAI-04022 Datasheet HTML 2Page - ON Semiconductor KAI-04022 Datasheet HTML 3Page - ON Semiconductor KAI-04022 Datasheet HTML 4Page - ON Semiconductor KAI-04022 Datasheet HTML 5Page - ON Semiconductor KAI-04022 Datasheet HTML 6Page - ON Semiconductor KAI-04022 Datasheet HTML 7Page - ON Semiconductor KAI-04022 Datasheet HTML 8Page - ON Semiconductor KAI-04022 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 2
1
Publication Order Number:
KAI−04022/D
KAI-04022
2048 (H) x 2048 (V) Interline
CCD Image Sensor
Description
The KAI−04022 Image Sensor is a high-performance 4-million
pixel sensor designed for a wide range of medical, scientific and
machine vision applications. The 7.4
mm square pixels with
microlenses provide high sensitivity and the large full well capacity
results in high dynamic range. The two high-speed outputs and
binning capabilities allow for 16−50 frames per second (fps) video rate
for the progressively scanned images. The vertical overflow drain
structure provides anti-blooming protection and enables electronic
shuttering for precise exposure control. Other features include low
dark current, negligible lag and low smear.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
2112 (H)
× 2072 (V)
Number of Effective Pixels
2056 (H)
× 2062 (V)
Number of Active Pixels
2048 (H)
× 2048 (V)
Pixel Size
7.4
mm (H) × 7.4 mm (V)
Active Image Size
15.15 mm (H)
× 15.15 mm (V),
21.43 mm (Diagonal),
4/3
″ Optical Format
Aspect Ratio
1:1
Number of Outputs
1 or 2
Charge Capacity
40,000 e−
Output Sensitivity
33
mV/e−
Peak Quantum Efficiency
KAI−04022−ABA
KAI−04022−FBA (BRG)
KAI−04022−CBA (BRG)
50%
44%, 42%, 36%
45%, 42%, 35%
Read Noise (f = 10 MHz)
9 e−, rms
Dark Current
< 0.5 nA/cm2
Dark Current Doubling Temp.
7
°C
Dynamic Range
72 dB
Charge Transfer Efficiency
> 0.999999
Blooming Suppression
300X
Smear
−80 dB
Image Lag
< 10 e−
Maximum Frame Rates
8 fps (Single Output)
16 fps (Single Output)
Package
34-pin, CERDIP
Cover Glass
AR Coated, 2-Side
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
• High Resolution
• High Sensitivity
• High Dynamic Range
• Low Noise Architecture
• High Frame Rate
• Binning Capability for Higher Frame Rate
• Electronic Shutter
Applications
• Intelligent Transportation Systems
• Machine Vision
• Scientific Imaging
• Surveillance
www.onsemi.com
Figure 1. KAI−04022 Interline CCD
Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-04022

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-04050 ONSEMI-KAI-04050 Datasheet
3Mb / 49P
INTERLINE CCD IMAGE SENSOR
REVISION 5.0
KAI-04050 ONSEMI-KAI-04050 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-04050-AAA-JP-AE ONSEMI-KAI-04050-AAA-JP-AE Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-04050-AAA-JP-BA ONSEMI-KAI-04050-AAA-JP-BA Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-04050-ABA-JD-AE ONSEMI-KAI-04050-ABA-JD-AE Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results

Similar Description - KAI-04022

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com