Electronic Components Datasheet Search
  English  ▼

X  

KAI-04022 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KAI-04022
Description  INTERLINE CCD IMAGE SENSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04022 Datasheet(HTML) 4 Page - ON Semiconductor

  KAI-04022 Datasheet HTML 1Page - ON Semiconductor KAI-04022 Datasheet HTML 2Page - ON Semiconductor KAI-04022 Datasheet HTML 3Page - ON Semiconductor KAI-04022 Datasheet HTML 4Page - ON Semiconductor KAI-04022 Datasheet HTML 5Page - ON Semiconductor KAI-04022 Datasheet HTML 6Page - ON Semiconductor KAI-04022 Datasheet HTML 7Page - ON Semiconductor KAI-04022 Datasheet HTML 8Page - ON Semiconductor KAI-04022 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
KAI−04022
www.onsemi.com
4
Pixel
Figure 3. Pixel Architecture
Top View
Direction
of
Charge
Transfer
True Two Phase Burried Channel VCCD
Lightshield over VCCD not shown
V1
Photodiode
V2
Transfer
Gate
Direction of
Charge
Transfer
V1
V2
V1
n−
n
n−
n−
p Well (GND)
Cross Section Down Through VCCD
n Substrate
p
V1
n
p+
Light Shield
p
p
n
p
Cross Section Through
Photodiode and VCCD Phase 1
Photodiode
p
p
V2
n
p+
Light Shield
p
p
n
n Substrate
p
Cross Section Through Photodiode
and VCCD Phase 2 at Transfer Gate
Transfer
Gate
Cross Section Showing Lenslet
Lenslet
VCCD
VCCD
Light Shield
Light Shield
Photodiode
Red Color Filter
NOTE: Drawings not scale.
7.4
mm
n Substrate
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron-hole
pairs
within
the
individual
silicon
photodiodes. These photoelectrons are collected locally by
the formation of potential wells at each photosite. Below
photodiode saturation, the number of photoelectrons
collected at each pixel is linearly dependent upon light level
and exposure time and non-linearly dependent on
wavelength. When the photodiodes charge capacity is
reached, excess electrons are discharged into the substrate to
prevent blooming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com