Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5015 Datasheet HTML 5Page - Texas Instruments LM5015 Datasheet HTML 6Page - Texas Instruments LM5015 Datasheet HTML 7Page - Texas Instruments LM5015 Datasheet HTML 8Page - Texas Instruments LM5015 Datasheet HTML 9Page - Texas Instruments LM5015 Datasheet HTML 10Page - Texas Instruments LM5015 Datasheet HTML 11Page - Texas Instruments LM5015 Datasheet HTML 12Page - Texas Instruments LM5015 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
FUNCTIONAL DESCRIPTION
The LM5015 high voltage switching regulator features all the functions necessary to implement an efficient power
converter using a Two-Switch Forward or Two-Switch Flyback topology. The voltage across the MOSFETs
employed in the two-switch topology is clamped to the input voltage, allowing the input voltage range to approach
the rating of the MOSFETs. The regulator control method is based upon current mode control providing cycle-by-
cycle current limit, inherent input voltage feed-forward and simple feedback loop compensation.
Referring to Figure 13, the operating principle of the LM5015 regulator is as follows:
At the beginning of each switching cycle, the oscillator sets the driver logic and turns on both the high and low
side power MOSFETs to conduct current through the inductor or power transformer. The peak current in the
MOSFET is controlled by the voltage at the COMP pin. The COMP voltage, which is determined by the feedback
circuit, is compared with the sensed current signal of the internal low side power MOSFET. When the current
signal exceeds the COMP voltage, the PWM comparator resets the driver logic, turning off both power
MOSFETs. At the end of the switching cycle the driver logic is set again by the oscillator to initiate the next
switching period.
The LM5015 also contains dedicated circuitry to protect the IC from abnormal operating conditions. Cycle-by-
cycle current limiting prevents the power MOSFET current from exceeding 1 Amp. Thermal Shutdown circuitry
holds the driver logic in reset when the die temperature reaches 165°C, and returns to normal operation when
the die temperature drops by approximately 25°C. The EN pin can be used as an input voltage under-voltage
lockout (UVLO) during start-up to prevent operation with less than the minimum desired input voltage.
Bias Input (VIN) and Power Input (PVIN)
The LM5015 provides two separate input power pins, VIN and PVIN, allowing for flexible decoupling options. The
VIN pin provides power to the low drop-out VCC bias regulator which powers all internal control blocks. The
PVIN connects directly to the high side MOSFET drain.
If used with a single input source, the recommended configuration is shown in Figure 2a. Separate input pins
allow the bias input (VIN) to be de-coupled from the main power input as shown. It is possible to directly connect
the VIN and PVIN pins for applications with localized de-coupling capacitors.
For applications where a lower voltage auxiliary source is available, the configuration shown in Figure 2b can be
used. Powering the VIN pin with a relatively low voltage auxiliary source reduces the IC power dissipation and
increases the conversion efficiency, especially when the main power source for PVIN is relatively large. The VIN
and PVIN pins are independent and can be separately biased at any voltages within the 4.25V to 75V
recommended operating range.
In high voltage applications extra care should be taken to ensure that the VIN and PVIN pins do not exceed the
Absolute Maximum Voltage Ratings of 76V. Voltage ringing on the input line during line transients that exceeds
the Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and AGND pins, and to the PVIN to PGND pins, are essential.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com