Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5015 Datasheet HTML 15Page - Texas Instruments LM5015 Datasheet HTML 16Page - Texas Instruments LM5015 Datasheet HTML 17Page - Texas Instruments LM5015 Datasheet HTML 18Page - Texas Instruments LM5015 Datasheet HTML 19Page - Texas Instruments LM5015 Datasheet HTML 20Page - Texas Instruments LM5015 Datasheet HTML 21Page - Texas Instruments LM5015 Datasheet HTML 22Page - Texas Instruments LM5015 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Error Amplifier
( Internal or external)
V REF
VO
RO1
RO2
VREF
=
VO - VREF
RO2
RO1
FB
COMP
LM5015
CFB
VCC
1k
LMV431A
1k
Current
Mirror
PWM
1.26V
5k
VDD
1.3V
EA
VOUT
RO1
RO2
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Figure 22. High bandwidth Isolated Feedback Using CFB Pin
The two external pull-up and pull-down resistors are effectively connected in parallel for ac signal, yielding a
collector resistance on the opto-coupler of 0.5 k
Ω. This resistance is 10 times smaller than the internal pull up
resistor and the pole associated with the collector-base capacitance of the opto-coupler transistor is pushed out
to a decade higher frequency. Moving the opto-coupler pole to a higher frequency allows higher loop bandwidth
capability than conventional isolated feedback designs (see Figure 21).
OUTPUT VOLTAGE
Output voltage is normally set with a resistor divider shown in Figure 23 . To set the regulator’s output voltage to
VO, the two resistors must satisfy the following equation:
where
•
VREF is the reference voltage of the error amplifier, which is 1.26V for the LM5015’s internal error amplifier
(5)
Figure 23. Output Voltage Setting
In isolated designs, the reference and error amplifier are located on the secondary side. To obtain a 5V output in
an isolated feedback design using LMV431A (whose nominal VREF is1.24V), the feedback divider resistors ratio
specified by above equation is 0.330. Selecting 24.3 k
Ω for RO1, then RO2 should be 8.06 kΩ. In a similar non-
isolated converter design using the internal error amplifier, the divider’s resistors ratio is 0.337, therefore if 24.3
k
Ω is selected for RO1, then RO2 should be 8.20 kΩ.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com