Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032 Datasheet(HTML) 1 Page - Texas Instruments

  LM5032 Datasheet HTML 1Page - Texas Instruments LM5032 Datasheet HTML 2Page - Texas Instruments LM5032 Datasheet HTML 3Page - Texas Instruments LM5032 Datasheet HTML 4Page - Texas Instruments LM5032 Datasheet HTML 5Page - Texas Instruments LM5032 Datasheet HTML 6Page - Texas Instruments LM5032 Datasheet HTML 7Page - Texas Instruments LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ERROR AMP
& ISOLATION
ERROR AMP
& ISOLATION
CS1
CS2
OUT1
OUT2
COMP1
COMP2
VIN
SS1
SS2
VCC
DCL
RES
UVLO
LM5032
VCC
3.3V
2.5V
RT
Sync
36V to 75V
Input
GND1
GND2
VPWR
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
LM5032 High-Voltage Dual Interleaved Current Mode Controller
1 Features
3 Description
The LM5032 dual current mode PWM controller
1
•
Two Independent PWM Current Mode Controllers
contains all the features needed to control either two
•
Integrated High-Voltage Startup Regulator
independent forward dc/dc converters or a single high
•
Compound 2.5-A Main Output Gate Drivers
current converter comprised of two interleaved power
stages. The two controller channels operate 180° out
•
Single Resistor Oscillator Setting to 2 MHz
of phase thereby reducing input ripple current. The
•
Synchronizable Oscillator
LM5032 includes a startup regulator that operates
•
Programmable Maximum Duty Cycle
over a wide input range up to 100 V and compound
(bipolar + CMOS) gate drivers that provide a robust
•
Maximum Duty Cycle Fold-Back at High-Line
2.5-A peak sink current. The adjustable maximum
Voltage
PWM duty cycle reduce stress on the primary side
•
Adjustable Timer for Hiccup Mode Current
MOSFET
switches.
Additional
features
include
Limiting
programmable line undervoltage lockout, cycle-by-
•
Integrated Slope Compensation
cycle current limit, hiccup mode fault operation with
adjustable response time, PWM slope compensation,
•
Adjustable Line Undervoltage Lockout
soft-start, and a 2-MHz capable oscillator with
•
Independently Adjustable Soft-Start (Each
synchronization capability.
Regulator)
•
Direct Interface with Opto-Coupler Transistor
Device Information(1)
•
Thermal Shutdown
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
TSSOP 16-Pin Package
LM5032
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
•
Telecommunication Power Converters
•
Industrial Power Converters
•
42-V Automotive Systems
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5032 TI1-LM5032 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5032 TI2-LM5032 Datasheet
1Mb / 36P
LM5032 High-Voltage Dual Interleaved Current Mode Controller
REVISED DECEMBER 2014
logo
National Semiconductor ...
LM5032MTC NSC-LM5032MTC Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5032MTC/NOPB TI2-LM5032MTC/NOPB Datasheet
1Mb / 36P
LM5032 High-Voltage Dual Interleaved Current Mode Controller
REVISED DECEMBER 2014
More results

Similar Description - LM5032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
Interleaved Dual BCM PFC Controller
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Texas Instruments
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com