Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 9Page - Texas Instruments LM5032 Datasheet HTML 10Page - Texas Instruments LM5032 Datasheet HTML 11Page - Texas Instruments LM5032 Datasheet HTML 12Page - Texas Instruments LM5032 Datasheet HTML 13Page - Texas Instruments LM5032 Datasheet HTML 14Page - Texas Instruments LM5032 Datasheet HTML 15Page - Texas Instruments LM5032 Datasheet HTML 16Page - Texas Instruments LM5032 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
RT =
17100
FS
- 0.001(FS - 400)
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.3 Drivers Off, VCC Disable
Referring to Figure 14, Drivers Off and VCC Disable are internal signals which, when active disable portions of the
LM5032. If the UVLO pin is below 1.25V, or if the thermal shutdown activates, the VCC Disable line switches high
to disable the VCC regulator. UVLO also activates the Drivers Off signal to disable the output drivers, connect the
SS1, SS2, COMP1, COMP2 and RES pins to ground, and enable the 50 µA Soft-start current sources.
If the VCC voltage falls below the under-voltage threshold of 6.2V , the UVT comparator activates only the Drivers
Off signal. The output drivers are disabled but the VCC regulator is not disabled. Additionally, the CS1, CS2, SS1,
SS2, COMP1, COMP2 and RES pins are internally grounded, and the 50 µA Soft-start current sources are
enabled.
7.3.4 Oscillator
The oscillator frequency is set with an external resistor RT connected between the RT/SYNC and GND1 pins.
The resistor value is calculated from:
(1)
where FS is the desired oscillator frequency in kHz (maximum of 2 MHz), and RT is in kΩ. See Figure 7. The two
gate driver outputs (OUT1 and OUT2) switch at half the oscillator frequency and 180° out of phase with each
other. The voltage at the RT/SYNC pin is internally regulated at 2.0V. The RT resistor should be located as close
as possible to the LM5032 with short direct connections to the pins.
The LM5032 can be synchronized to an external clock by applying a narrow clock pulse to the RT/SYNC pin. See
the Applications Information section for details on this procedure. The RT resistor is always required, whether the
oscillator is free running or externally synchronized.
7.3.5 PWM Comparator/Slope Compensation
The PWM comparator of each controller compares a slope compensated current ramp signal with the loop error
voltage derived from the COMP pin. The COMP voltage is typically controlled by an external error
amplifier/optocoupler feedback circuit to regulate the converter output voltage. Internally, the voltage at the
COMP pin passes through two level shifting diodes and a gain reducing 3:1 resistor divider (see Figure 15). The
compensated current ramp signal is a combination of the current waveform at the CS pin, and an internally
generated ramp derived from the internal clock. At duty cycles greater than 50% current mode control circuits are
prone to subharmonic oscillation. By adding a small fixed ramp to the external current sense signal oscillations
can be avoided. The internal ramp has an amplitude of 45 µA and is sourced into an internal 2k
Ω resistor, and a
42 k
Ω resistor in parallel with the external impedance at the CS pin. The ramp current also flows through the
external impedance connected to the CS pin and thus, the amount of slope compensation can be adjusted by
varying the external circuit at the CS pin.
The output of the PWM comparator provides the pulse width information to the output drivers. This comparator is
optimized for speed in order to achieve minimum controllable duty cycles. The comparator’s output duty cycle is
0% for VCOMP ≤1.5V, and increases as VCOMP increases.
If either Soft-start pin is pulled low (internally or externally) the corresponding COMP pin is pulled down with it,
forcing the output duty cycle to zero. When the Soft-start pin voltage increases, the COMP pin is allowed to
increase. An internal 5 k
Ω resistor connected from COMP to an internal 5.0V supply provides a pull-up for the
COMP pin and bias current to the collector of the opto-coupler transistor.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com