Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments LM5032 Datasheet HTML 10Page - Texas Instruments LM5032 Datasheet HTML 11Page - Texas Instruments LM5032 Datasheet HTML 12Page - Texas Instruments LM5032 Datasheet HTML 13Page - Texas Instruments LM5032 Datasheet HTML 14Page - Texas Instruments LM5032 Datasheet HTML 15Page - Texas Instruments LM5032 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Drivers Off
UVLO
Disable
UVLO
7.6V/6.2 V
THERMAL
SHUTDOWN
Max
. Duty
Cycle Limiter
20 2A
VPWR
VCC
VCC
1.25V
R
1
R2
LM5032
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
7.3 Feature Description
7.3.1 Line Undervoltage Lock Out, UVLO, Shutdown
The LM5032 contains a line under-voltage lockout circuit (UVLO) designed to enable the VCC regulator and
output drivers when the system voltage (VPWR) exceeds the desired level (see Figure 14). VPWR is the voltage
normally applied to the transformer primary, and usually connected to the VIN pin (see the schematic on Page
1). The threshold at the UVLO comparator is 1.25V. An external resistor divider connected from VPWR to ground
provides 1.25V at the UVLO pin when VPWR is increased to the desired turn-on threshold. When VPWR is below
the threshold the VCC regulator and output drivers are disabled, and the internal 20 µA current source is off.
When VPWR reaches the threshold, the comparator output switches low to enable the internal circuits and the 20
µA current source. The 20 µA flows into the external divider’s junction, raising the voltage at UVLO, thereby
providing hysteresis. Internally the voltage at UVLO also drives the Maximum Duty Cycle Limiter circuit
(described below), which may influence the values chosen for the UVLO pin resistors. At maximum VPWR, the
voltage at UVLO should not exceed 6V. Refer to the Applications Information section for a procedure to calculate
the resistors values.
The LM5032 controller can be shutdown by forcing the UVLO pin below 1.25V with an external switch. When the
UVLO pin is low, the outputs and the VCC regulator are disabled, and the LM5032 enters a low power mode. If
VCC pin is not powered from an external source, the current into VIN drops to a nominal 500 µA. If the VCC pin
is powered from an external source, the current into VIN is nominally 50 µA, and the current into the VCC pin is
approximately 4.3 mA. To disable one regulator without affecting the other, see the description of the Soft-start
section.
Figure 14. Drivers Off and VCC Disable
7.3.2 Startup Regulator, VIN, VCC
The high voltage startup regulator is integral to the LM5032. The input pin VIN can be connected directly to a
voltage between 13V and 100V, with transient capability to 105V. The startup regulator provides bias voltages to
the series pass VCC regulator and the UVLO circuit. The VCC regulator is disabled until the voltage at the UVLO
pin (described above) exceeds 1.25V. For applications where VPWR exceeds 100V the internal startup regulator
can be powered from an external startup regulator or other available low voltage source. See the Applications
Information section for details.
The VCC under-voltage threshold circuit (UVT) monitors the VCC regulator output. When the series pass
regulator is enabled and the internal VCC voltage increases to > 7.6V, the UVT comparator activates the PWM
controller and output drivers via the Drivers Off signal. The UVT comparator has built-in hysteresis, with the lower
threshold nominally set to 6.2V. See Figure 1 and Figure 14.
When enabled, the VCC regulated output is 7.7V ±4% with current limited to a minimum of 19 mA (typically 22
mA). The regulator’s output impedance is
≊ 6Ω.
The VCC pin requires a capacitor to ground for stability, as well as to provide the surge currents to the external
MOSFETs via the gate driver outputs. The capacitor should be physically close to the VCC and GND pins.
In most applications it is necessary to power VCC from an external source as the average current required at the
output drivers may exceed the current capability of the internal regulator and/or the thermal capability of the
LM5032 package (see Figure 4). Normally the external source is derived from the converter’s power stage once
the LM5032 outputs are active. Refer to the Applications Information section for more information.
12
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com