Electronic Components Datasheet Search
  English  ▼

X  

LM5033 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033 Datasheet(HTML) 4 Page - Texas Instruments

  LM5033 Datasheet HTML 1Page - Texas Instruments LM5033 Datasheet HTML 2Page - Texas Instruments LM5033 Datasheet HTML 3Page - Texas Instruments LM5033 Datasheet HTML 4Page - Texas Instruments LM5033 Datasheet HTML 5Page - Texas Instruments LM5033 Datasheet HTML 6Page - Texas Instruments LM5033 Datasheet HTML 7Page - Texas Instruments LM5033 Datasheet HTML 8Page - Texas Instruments LM5033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5033
SNVS181B – APRIL 2004 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
VCC to GND
-0.3V to 16V
Rt/Sync to GND
-0.3V to 5.5V
Pins 3, 8, 10 to GND
-0.3V to 7.0V
ESD Rating (3)
Human Body Model
2kV
Storage Temperature Range
-65°C to 150°C
Junction Temperature
150°C
Power Dissipation (4)
Internally Limited
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(4)
The maximum allowable power dissipation is a function of the maximum allowed junction temperature (TJ(max)), the ambient temperature
(TA), and the junction-to-ambient thermal resistance (θJA). The maximum allowable power dissipation can be calculated from PD =
(TJ(max) - TA) / θJA. Excessive power dissipation will cause the thermal shutdown to activate.
Operating Ratings
(5)
VIN Voltage (Pin1)
15 to 90V
Operating Junction Temperature
-40°C to 125°C
(5)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V applied externally, RT = 26.7kΩ, unless otherwise stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Startup Regulator (Pins 1, 4)
VCCReg
VCC Voltage
Pin 4 open
9.2
9.6
10.0
V
Icc-out
VCC Current Limit
Out1, Out2 disabled. Ext.
20
34
mA
supply to Vcc disconnected.
Iin
Startup Regulator Current
Normal Operation
150
500
µA
into VIN
VIN = 90V
Ext. VCC Supply
7
mA
Disconnected and Output
Load = 1800pF
SS Pin = 0V
3
mA
UVT
VCC Undervoltage
VccReg -
VccReg - 100 mV
V
Threshold (increasing
300mV
VCC)
UVT Hysteresis
2.3
2.8
3.3
(decreasing VCC)
Icc-in
Supply Current from
SS Pin = 0V
2
3
mA
external source to VCC
SS Pin = open and Output
7
Load = 1800pF
2.5V Reference (Pin 2)
Vref
Output voltage
Pin 2 sink current = 5mA
2.44
2.50
2.56
V
Current sink capability
5.0
13
mA
Current Sense (Pin 8)
CS
Threshold voltage
0.45
0.50
0.55
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
(2)
Typical specifications represent the most likely parametric norm at 25°C operation.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com