Electronic Components Datasheet Search
  English  ▼

X  

LM5033 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5033 Datasheet HTML 5Page - Texas Instruments LM5033 Datasheet HTML 6Page - Texas Instruments LM5033 Datasheet HTML 7Page - Texas Instruments LM5033 Datasheet HTML 8Page - Texas Instruments LM5033 Datasheet HTML 9Page - Texas Instruments LM5033 Datasheet HTML 10Page - Texas Instruments LM5033 Datasheet HTML 11Page - Texas Instruments LM5033 Datasheet HTML 12Page - Texas Instruments LM5033 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Rt =
(1/F) - 172
*10-9
182
*10-12
DC =
(0.5 x TS) - TD
TS
LM5033
www.ti.com
SNVS181B – APRIL 2004 – REVISED APRIL 2013
where
•
TS is the period of each output
•
TD is the deadtime
(1)
For example, if the oscillator frequency is 200 kHz, each output will cycle at 100 kHz, and TS = 10 µs. Using the
nominal deadtime of 135 ns, the maximum duty cycle at this frequency is 48.65%. Using the minimum deadtime
of 85 ns, the maximum duty cycle increases to 49.15%.
When the Softstart pin (pin 10) is pulled down (internally or externally) the Comp pin voltage is pulled down with
it, with a difference of 0.5V. When the Softstart pin voltage increases the Comp voltage is allowed to increase,
pulled up by an internal 5.2V supply through a 5k
Ω resistor.
In an open loop application, such as an intermediate bus converter, pin 3 can be left open resulting in maximum
duty cycle at the output drivers .
Current Sense (Pin 8)
The current sense circuit is intended to protect the power converter when an abnormal primary current is sensed
by initiating a low duty cycle hiccup mode. When the threshold (0.5V) at Pin 8 is exceeded the outputs are
disabled, and the softstart capacitor (at pin 10) is internally discharged. When the softstart capacitor is fully
discharged and the voltage at the CS pin is below 0.5V, the outputs are re-enabled allowing the softstart
capacitor voltage and the output duty cycle to increase.
The external current sensing circuit should include an RC filter located near the IC to prevent false triggering of
the Current Sense comparator due to transients or noise. An internal MOSFET discharges the external filter
capacitor at the conclusion of each PWM cycle to improve dynamic performance. The discharge time is equal to
the deadtime between Out1 and Out2 at maximum duty cycle. Additionally, pin 8 is pulled low when VCC is below
the under-voltage threshold or when an over temperature condition occurs.
Oscillator, Sync Capability (Pin 9)
The LM5033 oscillator frequency is set by a single external resistor connected between Rt/Sync and ground. The
required Rt resistor is calculated from:
(2)
The outputs (Out1 and Out2) alternate at half the oscillator frequency. The voltage at the Rt/Sync pin is internally
regulated to a nominal 2.0V. The Rt resistor should be located as close as possible to the IC, and connected
directly to the pins (Rt and GND).
The LM5033 can be synchronized to an external clock by applying a narrow pulse to pin 9. The external clock
must be a higher frequency than the free running frequency set by the Rt resistor, and the pulse width must be
between 15 and 150 ns. The clock signal must be coupled into the Rt/Sync pin through a 100 pF capacitor.
When the synchronizing pulse transitions low-to-high, the voltage at pin 9 must exceed 3.8V from its nominal
2.0V dc level. During the clock signal’s low time the voltage at pin 9 will be clamped at 2.0V by an internal
regulator. The Rt resistor is always required, whether the oscillator is free running or externally synchronized.
Soft Start (Pin 10)
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after the under-voltage sensor resets at VCC, an internal 10
µA current source charges an external capacitor at pin 10 to generate a ramping voltage (0 to + 5V) which allows
the voltage on the Comp pin (pin 3) to increase gradually. As the COMP voltage increases the output duty cycle
will increase from zero to the value required for regulation. Internally, the softstart pin is pulled low when a
current fault is detected at pin 8, the VCC voltage is below the lower threshold of the under-voltage sensor, or
when a thermal shutdown occurs. Additionally, the softstart pin can be pulled low by an external device.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com